Electronic Components Datasheet Search
  English  ▼

X  

SF28G Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SF28G
Description  All SMC parts are traceable to the wafer lot
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SF28G Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SF28G Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF28G Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF28G Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF28G Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF28G Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF28G Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data
Green Products
Data Sheet N1641, Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
SF21G-SF28G
SF21G-SF28G SUPER FAST RECTIFIER
Features:
Super fast switching for high efficiency
Low leakage current
High forward surge capability
Solder dip 260 °C, 40 s
Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Data:
Case: JEDEC DO-15 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.40 grams
Mechanical Dimensions: In Inches/mm
DO-15


Similar Part No. - SF28G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF28G TSC-SF28G Datasheet
68Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
SF28G TSC-SF28G Datasheet
257Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
SF28G BILIN-SF28G Datasheet
111Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
MIC GROUP RECTIFIERS
SF28G MIC-SF28G Datasheet
55Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF28G CHONGQING-SF28G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF28G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBR0520WS SMC-MBR0520WS Datasheet
196Kb / 5P
All SMC parts are traceable to the wafer lot
RL251G SMC-RL251G Datasheet
142Kb / 5P
All SMC parts are traceable to the wafer lot
SD92305 SMC-SD92305 Datasheet
176Kb / 4P
All SMC parts are traceable to the wafer lot
SK2U240 SMC-SK2U240 Datasheet
278Kb / 4P
All SMC parts are traceable to the wafer lot
159CMQ SMC-159CMQ Datasheet
149Kb / 4P
All SMC parts are traceable to the wafer lot
200CNQ SMC-200CNQ Datasheet
209Kb / 4P
All SMC parts are traceable to the wafer lot
224CNQ SMC-224CNQ Datasheet
208Kb / 4P
All SMC parts are traceable to the wafer lot
ST860S SMC-ST860S Datasheet
186Kb / 5P
All SMC parts are traceable to the wafer lot
403DMQ SMC-403DMQ Datasheet
215Kb / 4P
All SMC parts are traceable to the wafer lot
503CMQ600 SMC-503CMQ600 Datasheet
170Kb / 3P
All SMC parts are traceable to the wafer lot
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com