Electronic Components Datasheet Search
  English  ▼

X  

SF41G Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SF41G
Description  Additional testing can be offered upon request
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SF41G Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SF41G Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF41G Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF41G Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF41G Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SF41G Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Green Products
Data Sheet N1714, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SF41G-SF48G
SF41G-SF48G SUPER FAST RECTIFIER
Features:
•
Super fast switching for high efficiency
•
Low leakage current
•
High forward surge capability
•
Solder dip 260 °C, 40 s
•
Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Data:
•
Case: JEDEC DO-201AD molded plastic body
•
Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026
•
Polarity: Color band denotes cathode end
•
Mounting Position: Any
•
Weight: 1.1 grams
Mechanical Dimensions: In Inches/mm
DO-201AD


Similar Part No. - SF41G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF41G TSC-SF41G Datasheet
64Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF41G TSC-SF41G Datasheet
273Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
SF41G TSC-SF41G Datasheet
573Kb / 2P
4.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Micro Commercial Compon...
SF41G MCC-SF41G Datasheet
379Kb / 2P
4 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
Shenzhen Luguang Electr...
SF41G LUGUANG-SF41G Datasheet
189Kb / 2P
4.0 AMP. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF41G

ManufacturerPart #DatasheetDescription
logo
TEMEX
HSO-14 TEMEX-HSO-14 Datasheet
609Kb / 4P
Specific request can be addressed to RAKON
LNO-320-B1 TEMEX-LNO-320-B1 Datasheet
417Kb / 3P
Specific request can be addressed to RAKON
LNO-500-B1 TEMEX-LNO-500-B1 Datasheet
412Kb / 3P
Specific request can be addressed to RAKON
logo
Sangdest Microelectroni...
127SPC020 SMC-127SPC020 Datasheet
147Kb / 4P
Additional testing can be offered upon request
SK22 SMC-SK22 Datasheet
306Kb / 5P
Additional testing can be offered upon request
SD88205 SMC-SD88205 Datasheet
144Kb / 5P
Additional testing can be offered upon request
SK2S120 SMC-SK2S120 Datasheet
152Kb / 4P
Additional testing can be offered upon request
406DMQ200 SMC-406DMQ200 Datasheet
156Kb / 4P
Additional testing can be offered upon request
503CNQ SMC-503CNQ Datasheet
117Kb / 4P
Additional testing can be offered upon request
US1M SMC-US1M Datasheet
133Kb / 5P
Additional testing can be offered upon request
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com