Electronic Components Datasheet Search
  English  ▼

X  

RL251G Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # RL251G
Description  All SMC parts are traceable to the wafer lot
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

RL251G Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  RL251G Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd RL251G Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd RL251G Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd RL251G Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd RL251G Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1630, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
RL251G-RL257G
RL251G-RL257G GENERAL PURPOSE PLASTIC RECTIFIER
Features:
•
Low forward voltage drop
•
Low leakage current
•
High forward surge capability
•
Solder Resistance 270°C / 7s, or 380°C / 3s
•
Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Data:
•
Case: Molded plastic, DO-15
•
Terminals: Axial leads, solderable per MIL-STD-750, method 2026
•
Polarity: Color band denotes cathode end
•
Mounting Position: Any
Mechanical Dimensions: In mm
DO-15


Similar Part No. - RL251G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
DAESAN ELECTRONIC CORP.
RL251G DAESAN-RL251G Datasheet
315Kb / 2P
CURRENT 2.5Amperes VOLTAGE 50 to 1000 Volts
logo
Rugao Dachang Electroni...
RL251G DACHANG-RL251G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
logo
Leshan Radio Company
RL251G LRC-RL251G Datasheet
176Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
Rugao Dachang Electroni...
RL251G DACHANG-RL251G Datasheet
118Kb / 2P
General Purpose Plastic Rectifier
More results

Similar Description - RL251G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBR0520WS SMC-MBR0520WS Datasheet
196Kb / 5P
All SMC parts are traceable to the wafer lot
SF21G SMC-SF21G Datasheet
178Kb / 6P
All SMC parts are traceable to the wafer lot
SD92305 SMC-SD92305 Datasheet
176Kb / 4P
All SMC parts are traceable to the wafer lot
SK2U240 SMC-SK2U240 Datasheet
278Kb / 4P
All SMC parts are traceable to the wafer lot
159CMQ SMC-159CMQ Datasheet
149Kb / 4P
All SMC parts are traceable to the wafer lot
200CNQ SMC-200CNQ Datasheet
209Kb / 4P
All SMC parts are traceable to the wafer lot
224CNQ SMC-224CNQ Datasheet
208Kb / 4P
All SMC parts are traceable to the wafer lot
ST860S SMC-ST860S Datasheet
186Kb / 5P
All SMC parts are traceable to the wafer lot
403DMQ SMC-403DMQ Datasheet
215Kb / 4P
All SMC parts are traceable to the wafer lot
503CMQ600 SMC-503CMQ600 Datasheet
170Kb / 3P
All SMC parts are traceable to the wafer lot
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com