Electronic Components Datasheet Search
  English  ▼

X  

RS3A Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # RS3A
Description  High temperature soldering guaranteed: 250??10 second at terminals
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

RS3A Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  RS3A Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS3A Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS3A Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS3A Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd RS3A Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Green Products
Data Sheet N1813, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
RS3A
THRU
RS3M
Absolute Maximum Ratings and Electrical characteristics
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz resistive or
inductive load, for capacitive load, derate by 20 %
Characteristic
Symbol
RS3A RS3B RS3D RS3G RS3J
RS3K
RS3M
Unit
Peak Repetitive Reverse Voltage
DC Blocking Voltage
VRRM
VDC
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average Forward Rectified Current
@TL = 100°C
IF(AV)
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
100
A
Max Instantaneous Forward Voltage at 3 A
VF
1.3
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IRM
10
250
µA
Maximum Reverse Recovery Time(Note 1)
Trr
150
250
500
ns
Typical Junction Capacitance(Note 2)
CJ
60
pF
Typical Thermal Resistance Junction
to Ambient (Note 3)
RθJA
RθJL
50
15
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
2. Measured at 1MHz and applied reverse voltage of 4V D.C
3. Thermal resistance from Junction to ambient and from junction to lead mounted on
PCB with 0.3×0.3” (8.0 × 8.0mm) copper pad areas



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com