Electronic Components Datasheet Search
  English  ▼

X  

NLAS324 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLAS324
Description  Dual SPST Analog Switch Low Voltage, Single Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS324 Datasheet(HTML) 3 Page - ON Semiconductor

  NLAS324 Datasheet HTML 1Page - ON Semiconductor NLAS324 Datasheet HTML 2Page - ON Semiconductor NLAS324 Datasheet HTML 3Page - ON Semiconductor NLAS324 Datasheet HTML 4Page - ON Semiconductor NLAS324 Datasheet HTML 5Page - ON Semiconductor NLAS324 Datasheet HTML 6Page - ON Semiconductor NLAS324 Datasheet HTML 7Page - ON Semiconductor NLAS324 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NLAS324
www.onsemi.com
3
DC CHARACTERISTICS − Digital Section (Voltages Referenced to GND)
Guaranteed Max Limit
Symbol
Parameter
Condition
VCC
−55 to 25
5C
<85
5C
<125
5C
Unit
VIH
Minimum High−Level Input Voltage,
Enable Inputs
2.0
3.0
4.5
5.5
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
V
VIL
Maximum Low−Level Input Voltage,
Enable Inputs
2.0
3.0
4.5
5.5
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
V
IIN
Maximum Input Leakage Current,
Enable Inputs
VIN = 5.5 V or GND
0 V to 5.5 V
+0.1
+1.0
+1.0
mA
ICC
Maximum Quiescent Supply
Current (per package)
Enable and VIS = VCC or
GND
5.5
1.0
1.0
2.0
mA
DC ELECTRICAL CHARACTERISTICS − Analog Section
Guaranteed Max Limit
Symbol
Parameter
Condition
VCC
−55 to 25
5C
<85
5C
<125
5C
Unit
RON
Maximum ON Resistance
(Figures 8 − 12)
VIN = VIH
VIS = VCC to GND
IIsI = <10.0mA
3.0
4.5
5.5
45
30
25
50
35
30
55
40
35
W
RFLAT(ON)
ON Resistance Flatness
VIN = VIH
IIsI = <10.0mA
VIS = 1V, 2V, 3.5V
4.5
4
4
5
W
INO(OFF)
Off Leakage Current, Pin 2
(Figure 3)
VIN = VIL
VNO = 1.0 V, VCOM = 4.5 V or
VCOM = 1.0 V and VNO 4.5 V
5.5
1
10
100
nA
ICOM(OFF)
Off Leakage Current, Pin 1
(Figure 3)
VIN = VIL
VNO = 4.5 V or 1.0 V
VCOM = 1.0 V or 4.5 V
5.5
1
10
100
nA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Guaranteed Max Limit
VCC
−55 to 25
5C
<85
5C
<125
5C
Symbol
Parameter
Test Conditions
(V)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tON
Turn−On Time
RL = 300 W, CL = 35 pF
(Figures 4, 5, and 13)
2.03.04.55.5
7.0
5.0
4.5
4.5
14
10
9
9
16
12
11
11
16
12
11
11
ns
tOFF
Turn−Off Time
RL = 300 W, CL = 35 pF
(Figures 4, 5, and 13)
2.03.04.5
5.5
11.0
7.0
5.0
5.0
22
14
10
10
24
16
12
12
24
16
12
12
ns
Typical @ 25, VCC = 5.0 V
CIN
CNO or CNC
CCOM(OFF)
CCOM(ON)
Maximum Input Capacitance, Select Input
Analog I/O (switch off)
Common I/O (switch off)
Feedthrough (switch on)
8
10
10
20
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com