Electronic Components Datasheet Search
  English  ▼

X  

NLAS3158 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLAS3158
Description  Low Voltage Dual SPDT Analog Switch Dual 2:1 Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3158 Datasheet(HTML) 2 Page - ON Semiconductor

  NLAS3158 Datasheet HTML 1Page - ON Semiconductor NLAS3158 Datasheet HTML 2Page - ON Semiconductor NLAS3158 Datasheet HTML 3Page - ON Semiconductor NLAS3158 Datasheet HTML 4Page - ON Semiconductor NLAS3158 Datasheet HTML 5Page - ON Semiconductor NLAS3158 Datasheet HTML 6Page - ON Semiconductor NLAS3158 Datasheet HTML 7Page - ON Semiconductor NLAS3158 Datasheet HTML 8Page - ON Semiconductor NLAS3158 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NLAS3158
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VCC
−0.5 to +7.0
V
DC Switch Input Voltage (Note 1)
VIS
−0.5 to VCC + 0.5
V
DC Input Voltage (Note 1)
VIN
−0.5 to + 7.0
V
DC Input Diode Current @ VIN t 0 V
IIK
−50
mA
DC Output Current
IOUT
128
mA
DC VCC or Ground Current
ICC/IGND
+100
mA
Storage Temperature Range
Tstg
−65 to +150
°C
Junction Temperature Under Bias
TJ
150
°C
Junction Lead Temperature (Soldering, 10 Seconds)
TL
260
°C
Power Dissipation @ +85
°C
PD
180
mW
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
RECOMMENDED OPERATING CONDITIONS (Note 2)
Characteristic
Symbol
Min
Max
Unit
Supply Voltage Operating
VCC
1.65
5.5
V
Select Input Voltage
VIN
0
VCC
V
Switch Input Voltage
VIS
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
−55
+125
°C
Input Rise and Fall Time
Control Input VCC = 2.3 V−3.6 V
Control Input VCC = 4.5 V−5.5 V
tr, tf
0
0
10
5.0
ns/V
Thermal Resistance
qJA
−
350
°C/W
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the
Recommended Operating Ranges limits may affect device reliability.
2. Select input must be held HIGH or LOW, it must not float.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com