Electronic Components Datasheet Search
  English  ▼

X  

LM2595 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2595
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2595 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2595 Datasheet HTML 10Page - National Semiconductor (TI) LM2595 Datasheet HTML 11Page - National Semiconductor (TI) LM2595 Datasheet HTML 12Page - National Semiconductor (TI) LM2595 Datasheet HTML 13Page - National Semiconductor (TI) LM2595 Datasheet HTML 14Page - National Semiconductor (TI) LM2595 Datasheet HTML 15Page - National Semiconductor (TI) LM2595 Datasheet HTML 16Page - National Semiconductor (TI) LM2595 Datasheet HTML 17Page - National Semiconductor (TI) LM2595 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
LM2595 Series Buck Regulator Design Procedure (Adjustable Output)
(Continued)
LM2595 Series Buck Regulator Design Procedure
INDUCTOR VALUE SELECTION GUIDES (For Continuous Mode Operation)
Output
Voltage
(V)
Through Hole Electrolytic Output Capacitor
Surface Mount Tantalum Output Capacitor
Panasonic
Nichicon PL
Feedforward
AVX TPS
Sprague
Feedforward
HFQ Series
Series
Capacitor
Series
595D Series
Capacitor
(µF/V)
(µF/V)
(µF/V)
(µF/V)
1.2
330/50
330/50
0
330/6.3
330/6.3
0
4
220/25
220/25
4.7 nF
220/10
220/10
4.7 nF
6
220/25
220/25
3.3 nF
220/10
220/10
3.3 nF
9
180/25
180/25
1.5 nF
100/16
180/16
1.5 nF
12
120/25
120/25
1.5 nF
68/20
120/20
1.5 nF
15
120/25
120/25
1.5 nF
68/20
100/20
1.5 nF
24
82/35
82/35
1 nF
33/25
33/35
220 pF
28
82/50
82/50
1 nF
10/35
33/35
220 pF
FIGURE 3. Output Capacitor and Feedforward Capacitor Selection Table
DS012565-24
FIGURE 4. LM2595-3.3
DS012565-25
FIGURE 5. LM2595-5.0
DS012565-26
FIGURE 6. LM2595-12
DS012565-27
FIGURE 7. LM2595-ADJ
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com