Electronic Components Datasheet Search
  English  ▼

X  

WM7331E Datasheet(PDF) 8 Page - Cirrus Logic

Part # WM7331E
Description  Bottom Port Analog Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7331E Datasheet(HTML) 8 Page - Cirrus Logic

Back Button WM7331E Datasheet HTML 4Page - Cirrus Logic WM7331E Datasheet HTML 5Page - Cirrus Logic WM7331E Datasheet HTML 6Page - Cirrus Logic WM7331E Datasheet HTML 7Page - Cirrus Logic WM7331E Datasheet HTML 8Page - Cirrus Logic WM7331E Datasheet HTML 9Page - Cirrus Logic WM7331E Datasheet HTML 10Page - Cirrus Logic WM7331E Datasheet HTML 11Page - Cirrus Logic WM7331E Datasheet HTML 12Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
WM7331E
8
Rev 3.2
CONNECTION TO A CIRRUS LOGIC CODEC
Cirrus Logic provides a range of audio CODECs incorporating an analog microphone input interface;
these support connection to silicon microphones such as the WM7331.
The recommended connection of a WM7331 silicon microphone is illustrated in Figure 2 (for single-
ended mode) and Figure 3 (for pseudo-differential mode).
A DC blocking capacitor is required, as described in the previous section. A 2.2µF decoupling
capacitor is also recommended; this should be positioned close to the VDD pin of the WM7331.
Further information on Cirrus Logic audio CODECs is provided in the respective product datasheet,
which is available from the Cirrus Logic website.
Audio CODEC
OUTPUT
MICBIAS
Analogue Input pin
(eg. IN1xP)
VDD
GND
1
F
WM7331
2.2
F
Figure 2 WM7331 Silicon Microphone Single-ended Connection
1
F
Audio CODEC
OUTPUT
MICBIAS
Non-Inverting Input pin
(eg. IN1xP)
VDD
GND
1
F
Inverting Input pin
(eg. IN1xN)
WM7331
2.2
F
Figure 3 WM7331 Silicon Microphone Pseudo-differential Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com