Electronic Components Datasheet Search
  English  ▼

X  

CW7270 Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # CW7270
Description  Evaluation Board for 15W Single-Output Switch-Mode Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

CW7270 Datasheet(HTML) 7 Page - Dialog Semiconductor

  CW7270 Datasheet HTML 1Page - Dialog Semiconductor CW7270 Datasheet HTML 2Page - Dialog Semiconductor CW7270 Datasheet HTML 3Page - Dialog Semiconductor CW7270 Datasheet HTML 4Page - Dialog Semiconductor CW7270 Datasheet HTML 5Page - Dialog Semiconductor CW7270 Datasheet HTML 6Page - Dialog Semiconductor CW7270 Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Disclaimer
This evaluation board is provided for evaluation purposes only and is not intended for commercial use in any end product. Dialog Semiconductor
expressly disclaims all warranties, express, implied or statutory, including (but not limited to) the implied warranties of non-infringement, suitability
for a specific application(s) or end product(s), product quality or reliability. All risks and liability regarding quality, use or performance of this
evaluation board are those of the customer/user.
The user, and/or user’s employer, if user is using this evaluation board for employer-related purposes, assumes all responsibility and liability for
proper and safe handling of the evaluation boards and indemnify Dialog Semiconductor from any and all claims arising from use of the evaluation
board.
The user, and/or user’s employer, if user is using this evaluation board for employer-related purposes, understands that this evaluation board
has not been agency tested or approved for safety, technical performance, and/or regulatory requirements, by any agency. This includes
electromagnetic interference or other technical regulatory or safety testing and certifications.
The user, and/or user’s employer, if user is using this evaluation board for employer-related purposes, assumes all responsibility for using this
evaluation board in a test area or laboratory which is qualified and/or certified according to the local regulations, guidelines and labor laws
applicable to working with non-isolated mains voltages and high voltage circuits.
Information in this document is believed to be accurate and reliable. However, Dialog Semiconductor does not give any representations or
warranties, expressed or implied, as to the accuracy or completeness of such information. Dialog Semiconductor furthermore takes no responsibility
whatsoever for the content in this document if provided by any information source outside of Dialog Semiconductor.
Dialog Semiconductor reserves the right to change without notice the information published in this document, including without limitation the
specification and the design of the related semiconductor products, software and applications.
Applications, software, and semiconductor products described in this document are for illustrative purposes only. Dialog makes no representation
or warranty that such applications, software and semiconductor products will be suitable for the specified use without further testing or modification.
Unless otherwise agreed in writing, such testing or modification is the sole responsibility of the customer and Dialog excludes all liability in this
respect.
Customer notes that nothing in this document may be construed as a license for customer to use the Dialog products, software and applications
referred to in this document. Such license must be separately sought by customer with Dialog Semiconductor.
All use of Dialog Semiconductor products, software and applications referred to in this document are subject to Dialog Semiconductor’s Standard
Terms and Conditions of Sale, available on the company website (www.dialog-semiconductor.com) unless otherwise stated.
Dialog and the Dialog logo are trademarks of Dialog Semiconductor plc or its subsidiaries. All other product or service names are the property of
their respective owners.
© Copyright 2016 Dialog Semiconductor. All rights reserved.
Contacting Dialog Semiconductor
iW1830-EVAL1
Evaluation Board for 15W Single-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
7 of 7
18-May-2016
United Kingdom
Dialog Semiconductor (UK) Ltd
Phone: +44 1793 757700
Germany
Dialog Semiconductor GmbH
Phone: +49 7021 805-0
The Netherlands
Dialog Semiconductor B.V.
Phone: +31 73 640 88 22
Email
info_pcbg@diasemi.com
North America
Dialog Semiconductor Inc.
Phone: +1 408 845 8500
Japan
Dialog Semiconductor K. K.
Phone: +81 3 5425 4567
Taiwan
Dialog Semiconductor Taiwan
Phone: +886 281 786 222
Web site:
www.dialog-semiconductor.com
Singapore
Dialog Semiconductor Singapore
Phone: +65 648 499 29
Hong Kong
Dialog Semiconductor Hong Kong
Phone: +852 2607 4271
Korea
Dialog Semiconductor Korea
Phone: +82 2 3469 8200
China
Dialog Semiconductor
(Shenzhen)
Phone: +86 755 2981 3669
Dialog Semiconductor
(Shanghai)
Phone: +86 21 5424 9058



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com