Electronic Components Datasheet Search
  English  ▼

X  

S-2000A Datasheet(PDF) 6 Page - Copal Electronics

Part # S-2000A
Description  ROTARY CODED SWITCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-2000A Datasheet(HTML) 6 Page - Copal Electronics

  S-2000A Datasheet HTML 1Page - Copal Electronics S-2000A Datasheet HTML 2Page - Copal Electronics S-2000A Datasheet HTML 3Page - Copal Electronics S-2000A Datasheet HTML 4Page - Copal Electronics S-2000A Datasheet HTML 5Page - Copal Electronics S-2000A Datasheet HTML 6Page - Copal Electronics S-2000A Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
S-1000A / 2000A
ROTARY CODED SWITCHES
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
(S-1200A/2200A series)
O S-1210A
O S-1230A
Top setting
O S-1211A
O S-1231A
Side setting
O S-2210A
O S-2230A
Top setting
O S-2211A
O S-2231A
Side setting
4
3 5
10
±0.2
12
7.62
C
8
4
2
1
4.5
±0.5
0.7 W
× 1 D
Part No. & Production date code
9
7
100.2
5
11.5
C
84 2 1
0.7 W
× 1 D
2.54
2.54
2.54
5 – 0.5
±0.1
t = 0.2
6
5.08
Part No. & Production date code
3
2
10
±0.2
12
7.62
Ⓒ
⑧
④
②
①
4.5
±0.5
0.7 W
× 1 D
Part No. & Production date code
6
4
10
±0.2
5
11.5
C
⑧④ ② ①
0.7 W
× 1 D
2.54
2.54
2.54
5 – 0.5
±0.1
t = 0.2
Part No. & Production date code
6
5.08



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com