Electronic Components Datasheet Search
  English  ▼

X  

S-7030EB Datasheet(PDF) 1 Page - Copal Electronics

Part # S-7030EB
Description  ROTARY CODED SWITCHES (SMD)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

S-7030EB Datasheet(HTML) 1 Page - Copal Electronics

  S-7030EB Datasheet HTML 1Page - Copal Electronics S-7030EB Datasheet HTML 2Page - Copal Electronics S-7030EB Datasheet HTML 3Page - Copal Electronics S-7030EB Datasheet HTML 4Page - Copal Electronics S-7030EB Datasheet HTML 5Page - Copal Electronics S-7030EB Datasheet HTML 6Page - Copal Electronics S-7030EB Datasheet HTML 7Page - Copal Electronics S-7030EB Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
※ Please refer to the LIST OF PART NUMBERS when placing orders.
O RoHS compliant
O Low profile of 2.9 mm
O Wide variety (top or side setting, 6, 10 or 16 positions,
J-hook, gull wing or throuhg hole pins) to choose from
O Compatible with flow (top setting only) / reflow soldering
O Washable
■ FEATURES
Part name
①
②
③
④
⑤
⑥
⑦
⑧
“O” ring
Cover
Rotor
Spacer
Moving contact
Fixed contact
Housing
Terminal pin
Material
Flammability
UL94HB
—
UL94V-0
—
UL94V-0
—
Silicone rubber
Stainless steel (SUS 304)
Polyphenylenesulphide
Stainless steel (SUS 304)
Copper alloy, Gold-plated
Epoxy
Copper alloy, Gold-plated
■ PART NUMBER DESIGNATION
S - 7 0 1 0 E T A
Series name
Shape of rotor
0:Without knob
Code format
1
:10 positions, real code
3
:10 positions, complementary code
6
: 6 positions, real code
5
:16 positions, real code
7
:16 positions, complementary code
Shape of terminal
A:J-hook
B:Gull wing
C:Through hole pins
(Except for 6 positions type
)
Form of packaging
T:Taping (Reel)
W:Tray packaging (Through hole pins only)
Blank:Bulk in plastic bag
Terminal pin
E:Au (Lead-free)
Setting position
0:Top setting
1:Side setting
(Except for 6 positions type
)
①
③
②
⑥
⑤
④
⑧
⑦
INTERNAL STRUCTURE
S-7000
ROTARY CODED SWITCHES (SMD)
RoHS compliant


Similar Part No. - S-7030EB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-7038AF SII-S-7038AF Datasheet
1Mb / 31P
PAGING DECODER IC (POCSAG)
More results

Similar Description - S-7030EB

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
ROTARY CODED SWITCHES (SMD)
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
ROTARY CODED SWITCHES (SMD)
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
ROTARY CODED SWITCHES (SMD)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com