Electronic Components Datasheet Search
  English  ▼

X  

SD-2011 Datasheet(PDF) 8 Page - Copal Electronics

Part # SD-2011
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SD-2011 Datasheet(HTML) 8 Page - Copal Electronics

  SD-2011 Datasheet HTML 1Page - Copal Electronics SD-2011 Datasheet HTML 2Page - Copal Electronics SD-2011 Datasheet HTML 3Page - Copal Electronics SD-2011 Datasheet HTML 4Page - Copal Electronics SD-2011 Datasheet HTML 5Page - Copal Electronics SD-2011 Datasheet HTML 6Page - Copal Electronics SD-2011 Datasheet HTML 7Page - Copal Electronics SD-2011 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
■ PACKAGING SPECIFICATIONS
Maximum number of consecutive missing pieces=2
Leader length and reel dimension are shown in the dia-
grams below:
<Taping packaging specifications>
O Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500 pcs., etc.
O Taping version is boxed with one reel (500 pcs.).
O Embossed tape dimensions
O Reel dimensions
(Unit: mm)
(In accordance with EIAJ ET-7200A)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
Leader
<Tray packaging specifications>
O Tray version is packaged in 50 pcs. per tray. Orders will
be accepted for units of 50 pcs., i. e., 50, 100, 150 pcs.
etc.
O Tray version is boxed with 10 trays.
<Bulk pack specifications>
O The smallest unit of bulk pack in a plastic bag is 10 pcs.
per pack. Orders will be accepted for unit of minimum 10
pcs., i.e., 10, 20, 30 pcs. , etc.
O Boxing of bulk in a plastic bag is performed with 25 pcs.
(standard 50 pcs.) per box.
(Unit: mm)
(In accordance with EIAJ RC-1009B)
2
± 0.5
25.4
± 1
29.4
± 1
Part No. label
13
± 0.2
φ
21
± 0.8
φ
16
± 0.1
0.4
± 0.1
4.8
Direction of feed
4
± 0.1 2 ± 0.1
1.5
φ
+0.1
0
SD-1000 / 2000
ROTARY CODED SWITCHES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com