Electronic Components Datasheet Search
  English  ▼

X  

SPS20 Datasheet(PDF) 3 Page - Copal Electronics

Part # SPS20
Description  STEPPING MOTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SPS20 Datasheet(HTML) 3 Page - Copal Electronics

  SPS20 Datasheet HTML 1Page - Copal Electronics SPS20 Datasheet HTML 2Page - Copal Electronics SPS20 Datasheet HTML 3Page - Copal Electronics SPS20 Datasheet HTML 4Page - Copal Electronics SPS20 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPS20
STEPPING MOTORS
■ PART NUMBER DESIGNATION
S P S 2 0 - 4 1 8 6 8 - 2 8 4
Series name
Number of phases
4:4 phases
Code for a model
(In reference to a name of product)
Winding resistance
68:68
Ω
150:150
Ω
Step angle (2 phases-EX.)
18°
■ LIST OF PART NUMBERS
Series
SPS20-41820-368
SPS20-41868-285
SPS20-41863-284
SPS20-418150-288
SPS20-418150-287
High load type
Low load type
Winding resistance
20
Ω
68
Ω
150
Ω
※ Verify the above part numbers when placing orders.
■ OUTLINE DIMENSIONS
(Unit: mm)
Outline dimensions are common in SPS20 series.
φ
2 –
3.1
φ
270.2
1/16 inch
Steel ball
Effective stroke 10
Dash number
7
18.5
3.7
34 MAX.
41
0.3
0.8
2-R4
name of company
φ 3 +0.010
–0.044
8.5
0
–1
Lot No.
1.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com