Electronic Components Datasheet Search
  English  ▼

X  

SD-2011W Datasheet(PDF) 1 Page - Copal Electronics

Part # SD-2011W
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SD-2011W Datasheet(HTML) 1 Page - Copal Electronics

  SD-2011W Datasheet HTML 1Page - Copal Electronics SD-2011W Datasheet HTML 2Page - Copal Electronics SD-2011W Datasheet HTML 3Page - Copal Electronics SD-2011W Datasheet HTML 4Page - Copal Electronics SD-2011W Datasheet HTML 5Page - Copal Electronics SD-2011W Datasheet HTML 6Page - Copal Electronics SD-2011W Datasheet HTML 7Page - Copal Electronics SD-2011W Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
■ FEATURES
O RoHS compliant
O Fine click with metallic spring
O Low profile of 3.9 mm makes perfect for high density
board mounting applications
O Gold plated contact provides excellent reliability
O Cross and minus slot are available
O Terminal pin arrangement 3-3
Part name
①
⑥
⑦
⑤
③
④
②
Insert rotor
Metallic spring
Base
Housing
Contact
“O” ring
Terminal pin
Material
Flammability
UL94V-0
—
UL94V-0
UL94HB
UL94V-0
—
Polyphenylenesulphide
Silicone rubber
Polyphenylenesulphide
Copper alloy, Gold-plated
Rotor : Polyamide
Pattern : Copper alloy, Gold-plated
Stainless (SUS 301)
■ PART NUMBER DESIGNATION
INTERNAL STRUCTURE
SD-1000 / 2000 series
S D - 1 0 1 0 T B
Series name
コード Code format
1:Real code (Rotor color Yellow)
3:Complementary code (Rotor color Red)
Shape of rotor
0:Without knob (Minus slot)
1:With knob (with extended shaft)
2:Without knob (Cross slot)
Shape of terminal
Setting position
B:Gull wing (Top setting type only)
Blank : Through hole pin (Snap-in terminal pin)
Form of packaging
T:Taping (Gull wing type only)
W:Tray packaging
Blank:Plastic bag
0:Top setting
1:Side setting
※ Please refer to the LIST OF PART NUMBERS when placing orders.
No. of positions
1:16 positions
2:10 positions
SD-1000/2000
①
③
⑥
⑤
⑦
②
④
ROTARY CODED SWITCHES
RoHS compliant


Similar Part No. - SD-2011W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD-2011W ETC2-SD-2011W Datasheet
244Kb / 8P
ROTARY CODED SWITCHES
More results

Similar Description - SD-2011W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
ROTARY CODED SWITCHES
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
ROTARY CODED SWITCHES
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
ROTARY CODED SWITCHES
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com