Electronic Components Datasheet Search
  English  ▼

X  

SS-10 Datasheet(PDF) 5 Page - Copal Electronics

Part # SS-10
Description  ROTARY SELECTOR SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SS-10 Datasheet(HTML) 5 Page - Copal Electronics

  SS-10 Datasheet HTML 1Page - Copal Electronics SS-10 Datasheet HTML 2Page - Copal Electronics SS-10 Datasheet HTML 3Page - Copal Electronics SS-10 Datasheet HTML 4Page - Copal Electronics SS-10 Datasheet HTML 5Page - Copal Electronics SS-10 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
S-2050
S-2051
S-2150
7
10
0.7 W
× 3.2 L × 1 D
Part No. & Production date code
4.50.5
7.62
C
4
3
2
1
1
11.5
5.08
C
6
10
0.7 W
× 3.2 L × 1 D
Part No. & Production date code
3
2
1
2
3
4
5 – 0.50.1
t = 0.2
2.54
2.54
2.54
36˚
18.1
5.08
C
12.6
10
0.7 W
× 1 D
Part No. & Production date code
3
2
1
2
3
4
5 – 0.50.1
t = 0.2
2.54
2.54
2.54
36˚
Straight knurl M = 0.2
6.6
7
10
0.7 W
× 1 D
Part No. & Production date code
4.50.5
1
Straight knurl
6.6
M = 0.2
7.62
C
4
3
2
1
S-2151
SS-10 / S-2050
ROTARY SELECTOR SWITCHES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com