Electronic Components Datasheet Search
  English  ▼

X  

SA-5110DE Datasheet(PDF) 2 Page - Copal Electronics

Part # SA-5110DE
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SA-5110DE Datasheet(HTML) 2 Page - Copal Electronics

  SA-5110DE Datasheet HTML 1Page - Copal Electronics SA-5110DE Datasheet HTML 2Page - Copal Electronics SA-5110DE Datasheet HTML 3Page - Copal Electronics SA-5110DE Datasheet HTML 4Page - Copal Electronics SA-5110DE Datasheet HTML 5Page - Copal Electronics SA-5110DE Datasheet HTML 6Page - Copal Electronics SA-5110DE Datasheet HTML 7Page - Copal Electronics SA-5110DE Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SA-5000
ROTARY CODED SWITCHES
■ PART NUMBER DESIGNATION
S A - 5 0 1 0 A 1 E W
Series name
Shape of rotor
0
:Without knob
1
:With knob (extended shaft)
Code format
1
:10 positions, real code
3
:10 positions, complementary code
5
:16 positions, real code
7
:16 positions, complementary code
Resistance value
1
:10 kΩ
3
:3.3 kΩ
Terminal pin
E
:Sn-Cu (Lead-flee)
Form of packaging
W
:Tray packaging
Blank
:Plastic bag
Built-in circuit
A
:Resistors (Housing color Yellow)
B
:Resistor and diodes (Housing color Red)
C
:Diodes (Housing color Black)
D
:Diodes (Housing color Black)
(Polarity is for reverse with C)
Setting position
0
:Top setting
1
:Side setting
■ STANDARD SPECIFICATIONS
■ MECHANICAL CHARACTERISTICS
■ ELECTRICAL CHARACTERISTICS
■ ENVIRONMENTAL CHARACTERISTICS
Circuit type
Operating temperature range
Storage temperature range
Sealing
Net weight
BCD (Real code, complementary code)
BCH (Real code, complementary code)
−25 ~ 75 °C
Washable by “O” ring
※Please refer to 150,151
Approx. 1.5 g (Top setting)
Approx. 2.0 g (Side setting)
Approx. 1.6 g (Top setting with knob)
Approx. 2.0 g (Side setting with knob)
Contact rating
Non-switching
Switching
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC5 V 100 mA
1
Ω maximum
1000 M
Ω (DC100 V) minimum
AC250 V, 60 s
Vibration
Shock
Load life
Humidity (Steady state)
High temperature exposure
Low temperature exposure
Thermal shock
(Amplitude) 1.5 mm or
(Acceleration) 98 m/s
2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s
2, 11 ms
6 directions for 3 times each
10000 steps minimum
DC5 V, 100 mA
40 °C, Relative humidity 90 ~ 95 %, 240 h
75 °C, 16 h
− 25 °C, 16 h
−25 (0.5 h) ~ 75 °C (0.5 h), 5 cycles
No. of positions
16, 10
Adjustment torque
10 ~ 35 mN·m
{102 ~ 357 gf·cm}
Stepping angle
22.5° (16 positions)
36° (10 positions)
Terminal strength
10 N {1.02 kgf} minimum
Solderability
245
± 3 °C, 2 ~ 3 s
Soldering heat
{ } : Reference only
Flow : 260
± 3 °C, 5 ~ 6 s,
two times maximum
Manual soldering : 380
± 10 °C, 3 ~ 4 s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com