Electronic Components Datasheet Search
  English  ▼

X  

ST-4 Datasheet(PDF) 5 Page - Copal Electronics

Part # ST-4
Description  SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ST-4 Datasheet(HTML) 5 Page - Copal Electronics

  ST-4 Datasheet HTML 1Page - Copal Electronics ST-4 Datasheet HTML 2Page - Copal Electronics ST-4 Datasheet HTML 3Page - Copal Electronics ST-4 Datasheet HTML 4Page - Copal Electronics ST-4 Datasheet HTML 5Page - Copal Electronics ST-4 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ST-4EF
Rear adjustment
ST-4EH
Side adjustment
ST-4ED
Rear adjustment
※Note the terminal position.
< Semi-standard products >
< Semi-standard products >
5
2.3
1.2
2.35
2 – 0.8
2.8
2
Resistance code &
Production date code
t = 0.15
3
1
0.6 W
× 2.3 L × 0.5 D
Lead-free Identification mark
5
2.3
3 – 0.6
2.54
2.50.5
2
Resistance code &
Production date code
t = 0.15
3
1
0.6 W
× 2.3 L × 0.5 D
Lead-free Identification mark
ST-42E
B CROSS SLOT DIMENSION
0.6 W
× 2.3 L × 0.5 D
Cross slot screwdriver 0 bit : 0.8 D
5
4.5
2.35
2 – 0.8
1.2
6.1
0.8
2
Resistance code &
Production date code
t = 0.15
3
1
0.6 W
× 2.3 L × 0.5 D
Lead-free Identification mark
CW rotation
1
2
3
ST-4
SURFACE MOUNT TRIMMERS
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit: mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com