Electronic Components Datasheet Search
  English  ▼

X  

AP2001SLA Datasheet(PDF) 1 Page - Anachip Corp

Part # AP2001SLA
Description  Monolithic Dual Channel PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2001SLA Datasheet(HTML) 1 Page - Anachip Corp

  AP2001SLA Datasheet HTML 1Page - Anachip Corp AP2001SLA Datasheet HTML 2Page - Anachip Corp AP2001SLA Datasheet HTML 3Page - Anachip Corp AP2001SLA Datasheet HTML 4Page - Anachip Corp AP2001SLA Datasheet HTML 5Page - Anachip Corp AP2001SLA Datasheet HTML 6Page - Anachip Corp AP2001SLA Datasheet HTML 7Page - Anachip Corp AP2001SLA Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AP2001
Monolithic Dual Channel PWM Controller
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.3 Feb 20, 2004
1/8
Features
- Dual PWM Control Circuitry
- Operating voltage can be up to 50V
- Adjustable Dead Time Control (DTC)
- Under voltage Lockout (UVLO) Protection
- Short Circuit Protection (SCP)
- Variable Oscillator Frequency...... 500Khz Max
- 2.5V voltage reference Output
- 16-pin PDIP and SOP packages
Applications
- Backlight inverter
- DC/DC converts in computers, etc.
General Description
The AP2001 integrates Pulse-width-Modulation
(PWM) control circuit into a single chip, mainly
designs for power-supply regulator. All the functions
included an on-chip 2.5V reference output, two
error amplifiers, an adjustable oscillator, two
dead-time comparators, UVLO, SCP, DTC circuitry,
and dual common-emitter(CE) output transistor
circuit.
Recommend the output CE transistors as pre-driver
for Driving externally. The DTC can provide from
0% to 100%. Switching frequency can be
adjustable by trimming RT and CT. During low VCC
situation, the UVLO makes sure that the outputs
are off until the internal circuit is operational
normally.
Pin Assignments
1
2
3
15
14
13
12
11
10
9
8
7
6
5
4
16
CT
EA2+
EA2-
FB2
DTC2
OUT2
VCC
GND
OUT1
DTC1
FB1
EA1+
RT
REF
SCP
EA1-
( Top View )
PDIP/SOP
Pin Descriptions
Name
Description
CT
Timing Capacitor
RT
Timing Resistor
EA+
Error Amplifier Input(+)
EA -
Error Amplifier Input(-)
FB
Feedback Loop Compensation
DTC
Dead Time Control
OUT
Pre-driver Output
GND
Ground
VCC
Supply Voltage
SCP
Short Circuit Protection
REF
Voltage Reference


Similar Part No. - AP2001SLA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2001SL-13 DIODES-AP2001SL-13 Datasheet
176Kb / 8P
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
AP2001SL-U DIODES-AP2001SL-U Datasheet
176Kb / 8P
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
More results

Similar Description - AP2001SLA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Taiwan Semiconductor Co...
TS1451 TSC-TS1451 Datasheet
138Kb / 7P
Dual Channel PWM Controller
logo
Diodes Incorporated
AP2001 DIODES-AP2001 Datasheet
176Kb / 8P
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
logo
Microsemi Corporation
LX1752 MICROSEMI-LX1752 Datasheet
658Kb / 28P
Dual Interleaving PWM Controller
logo
Advantech Co., Ltd.
ES-1117N-LEAE ADVANTECH-ES-1117N-LEAE Datasheet
506Kb / 5P
Dual PWM CCFL Controller
logo
Diodes Incorporated
AP2001 DIODES-AP2001_06 Datasheet
182Kb / 8P
MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 1
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
logo
Richtek Technology Corp...
RT3606BC RICHTEK-RT3606BC Datasheet
974Kb / 72P
Dual Channel PWM Controller
RT3606BE RICHTEK-RT3606BE Datasheet
983Kb / 70P
Dual Channel PWM Controller
RT8876A RICHTEK-RT8876A_14 Datasheet
696Kb / 50P
Dual Channel PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com