Electronic Components Datasheet Search
  English  ▼

X  

APM9926 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM9926
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9926 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM9926 Datasheet HTML 1Page - Anpec Electronics Coropration APM9926 Datasheet HTML 2Page - Anpec Electronics Coropration APM9926 Datasheet HTML 3Page - Anpec Electronics Coropration APM9926 Datasheet HTML 4Page - Anpec Electronics Coropration APM9926 Datasheet HTML 5Page - Anpec Electronics Coropration APM9926 Datasheet HTML 6Page - Anpec Electronics Coropration APM9926 Datasheet HTML 7Page - Anpec Electronics Coropration APM9926 Datasheet HTML 8Page - Anpec Electronics Coropration APM9926 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
N-Channel Enhancement Mode MOSFET
Copyright
 ANPEC Electronics Corp.
Rev. A.6 - Sep., 2002
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM9926/C
Features
Applications
• 20V/6A , R
DS(ON)=28mΩ(typ.) @ VGS=4.5V
R
DS(ON)=38mΩ(typ.) @ VGS=2.5V
••••• Super High Dense Cell Design for Extremely
Low R
DS(ON)
••••• Reliable and Rugged
••••• SO-8 and TSSOP-8 Packages
• Power Management in Notebook Computer ,
Portable Equipment and Battery Powered
Systems.
Pin Description
SO-8
TSSOP-8
1
2
3
45
6
7
8
S1
G1
S2
G2
D2
D2
D1
D1
1
2
3
45
6
7
8
D1
S1
S1
G1
G2
S2
S2
D2
G1
S1
D1
S1
G2
S2
D2
S2
G2
S2
D2 D2
G1
S1
D1 D1
SO-8
TSSOP-8
1
2
3
45
6
7
8
S1
G1
S2
G2
D
D
D
D
1
2
3
45
6
7
8
D
S1
S1
G1
G2
S2
S2
D
G1
S1
D
S1
G2
S2
D
S2
G1
S1
D
G2
S2
D
APM9926
APM9926C


Similar Part No. - APM9926

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9926AK ANPEC-APM9926AK Datasheet
118Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
APM9926AKC-TR ANPEC-APM9926AKC-TR Datasheet
118Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
APM9926AKC-TRL ANPEC-APM9926AKC-TRL Datasheet
118Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
APM9926AKC-TU ANPEC-APM9926AKC-TU Datasheet
118Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
APM9926AKC-TUL ANPEC-APM9926AKC-TUL Datasheet
118Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM9926

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com