Electronic Components Datasheet Search
  English  ▼

X  

SD05 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SD05
Description  Solid-state silicon-avalanche technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SD05 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SD05 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD05 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD05 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD05 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SD05 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Green Products
Data Sheet N1787 REV.-
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SD05
SD12
Ordering Information:
Device
Package
Shipping
SD05
SD12
SOD-323
(Pb-Free)
3000pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings @TA=25°C unless otherwise specified
Electrical Characteristics:
SD05
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
VRWM
-
-
-
5
V
Reverse Breakdown Voltage
VBR
@ It=1mA
6
-
-
V
Reverse Leakage Current
IR
@VRWM = 5V, T = 25 ℃
-
-
10
μA
Clamping Voltage
VC
@IPP = 5A, tp=8/20μs
-
-
9.8
V
Clamping Voltage
VC
@IPP = 24A, tp=8/20μs
-
-
14.5
V
Peak Pulse Current
IPP
@ tp=8/20μs
-
-
24
A
Junction Capacitance
Cj
@VR = 0V, fSIG = 1MHz
-
-
350
pF
SD12
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
VRWM
-
-
-
12
V
Reverse Breakdown Voltage
VBR
@ It=1mA
13.3
-
-
V
Reverse Leakage Current
IR
@VRWM = 12V, T = 25 ℃
-
-
1
μA
Clamping Voltage
VC
@IPP = 5A, tp=8/20μs
-
-
19
V
Clamping Voltage
VC
@IPP = 15A, tp=8/20μs
-
-
25
V
Peak Pulse Current
IPP
@ tp=8/20μs
-
-
15
A
Junction Capacitance
Cj
@VR = 0V, fSIG = 1MHz
-
-
150
pF
Parameter
Symbol
Value
Unit
Peak Pulse Power (tp =8/20μs)
PPK
350
W
ESD Voltage (HBM Waveform
per IEC 61000-4-2)
VESD
30
KV
Lead Soldering Temperature
TL
260(10 sec.)
°C
Operating Junction Temperature Range
TJ
-55 to + 125
°C
Storage Temperature Range
TSTG
-55 to + 150
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com