Electronic Components Datasheet Search
  English  ▼

X  

SMC431 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SMC431
Description  Fast Turn-On Response
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SMC431 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SMC431 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMC431 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMC431 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMC431 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMC431 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMC431 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMC431 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMC431 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMC431 Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Data
Adjustable Precision Shunt Regulator
Data Sheet N1595 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SMC431
TL431
TL431A
Ordering Information:
SMC431 -XXX
SMC431- XXX
TL431A - XXX
Marking Diagram:
Absolute Maximum Ratings:
Cathode Voltage.........…………………………………………………………………………………….30V
Continuous Cathode Current………………………......................………………..…… -10mA~250mA
Reference Input Current Range…………………………………………...............………...............10mA
Operating Temperature Range ...……………..……………………………………….… –40°C to 85°C
Storage Temperature Range ……………………………………………………………..–65°C ~ 150°C
Maximum Junction Temperature …………………………………………………………………..125°C
Lead Temperature (Soldering) 10 sec. ……………………………………………………………260°C
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
PIN CONFIGURATION
SOT-23
TOP VIEW
1: VREF
2: CATHODE
3: ANODE
Part No.
Marking
SMC431FTA
AC1SG
TL431FTA
AC2SG
TL431AFTA
AC3SG
PACKING TYPE
TB: TUBE
TR: TAPING & REEL
TA: BAG
PACKAGING TYPE
F: SOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com