Electronic Components Datasheet Search
  English  ▼

X  

PCS Datasheet(PDF) 1 Page - Riedon Powertron

Part # PCS
Description  Low TCR Current Sense Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PCS Datasheet(HTML) 1 Page - Riedon Powertron

  PCS Datasheet HTML 1Page - Riedon Powertron PCS Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 27
05/16
PCS
Type
PCS
Resistance Range
0.001 to 20 Ohm
Power rating (70°C)
3 W
Power Rating with Heat Sink
40W
Tolerances: from 0.001 Ohm
from 0.01 Ohm
.5% / 1% / 2% / 5%
0.1% / 0.25% / 0.5% / 1% / 2% / 5%
Thermal Resistance
2.0 C/W
Stability (2000h)
0.1% / 0.2% / 0.5%
(depends on stress)
Temperature Coefficient
Standard (N)
Option 1 (M)
Option 2 (L) upon request for selected values
±10ppm/C (20 to 60°C)
±5ppm/C (20 to 60°C)
±2ppm/C (20 to 60°C)
other specifications upon request
Isolation Voltage
300 VDC
Max. Current
150 A
Thermal EMF
< 1µV/K
Operating Temperature Range
-40 to 130°C
Resistor Material
CuMnSn-Foil
Substrate
Anodized aluminium
Connector Material
Cu / tinned
Housing
Epoxy
Terminals
4
Max Torque
0.8 Nm
SPECIFICATIONS
Part Description: Part Type - Resistance - Tolerance - TCR
PCS
10 Ohms
1%
10PPM
Ordering Information
• TCR to ±2ppm/°C
• 0.001 to 20 Ohm
• Power Rating to 40Watt
• Resistance Tolerances to ±0.5%
• Very Low Inductive
• Load Stability to 0.1%
• Package Style 2321 4 Terminal
Low TCR Current Sense Resistor
Applications:
• Power Modules
• Frequency Converters
• Switch Mode Power Supplies
• Current Monitoring


Similar Part No. - PCS

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS PICKER-PCS Datasheet
190Kb / 2P
Double SCR Solid State Relay
logo
Nichicon corporation
PCS NICHICON-PCS Datasheet
1Mb / 2P
Chip Type, LongLife Assurance
logo
Bourns Electronic Solut...
PCS BOURNS-PCS Datasheet
978Kb / 5P
PCS Series Current Sense Transformers
07/22
logo
Electrolube
PCS ELECTROLUBE-PCS Datasheet
156Kb / 1P
Peelable Coating Mask - Synthetic
March 2017
logo
Tyco Electronics
PCS-020-A-1 MACOM-PCS-020-A-1 Datasheet
58Kb / 1P
OUTLINE DRWING PCS SOCKET
24 AUG 03
More results

Similar Description - PCS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CSS2H-3920R-1L00F BOURNS-CSS2H-3920R-1L00F Datasheet
383Kb / 2P
Current Sense Resistor
CSS2H-5930 BOURNS-CSS2H-5930 Datasheet
421Kb / 4P
Current Sense Resistor
CSS2H-2512 BOURNS-CSS2H-2512 Datasheet
412Kb / 4P
Current Sense Resistor
CSS2H-3920 BOURNS-CSS2H-3920 Datasheet
418Kb / 4P
Current Sense Resistor
logo
Riedon Powertron
PCS-0R005D1 RIEDON-PCS-0R005D1 Datasheet
224Kb / 2P
Low TCR Current Sense Resistor
PCS-0R001D1 RIEDON-PCS-0R001D1 Datasheet
224Kb / 2P
Low TCR Current Sense Resistor
PCS-0R002D1 RIEDON-PCS-0R002D1 Datasheet
224Kb / 2P
Low TCR Current Sense Resistor
logo
Ohmite Mfg. Co.
LVR OHMITE-LVR Datasheet
454Kb / 3P
Low-TCR Current Sense Chips
logo
Bourns Electronic Solut...
CSM2F-6918 BOURNS-CSM2F-6918 Datasheet
576Kb / 4P
Current Sense Resistor
logo
C&B ELECTRONICS (SHENZH...
PEWF2512 RESI-PEWF2512 Datasheet
596Kb / 2P
High-Precision Low-TCR Alloy Current Sensing Resistor
Date 2022.11.26
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com