Electronic Components Datasheet Search
  English  ▼

X  

181NQ-1 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 181NQ-1
Description  Easier to mount and lower profile than DO-5?셎
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

181NQ-1 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  181NQ-1 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 181NQ-1 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 181NQ-1 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 181NQ-1 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1172, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
181NQ...-1 SERIES
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
35(181NQ035-1)
40(181NQ040-1)
45(181NQ045-1)
V
Max. Average Forward Current
IF(AV)
50% duty cycle @TC =125°C,
rectangular wave form
180
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
3000
A
Non-Repetitive Avalanche Energy
EAS
TJ=25℃,IAS=36A,L=0.38mH
243
mJ
Repetitive Avalanche Current
IAR
Current decaying linearly to
zero in 1 μsec Frequency
limited by TJ max. VA=1.5×
VR typical
36
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage
Drop(per leg) *
VF1
@ 180A, Pulse, TJ = 25 °C
@ 360A, Pulse, TJ = 25 °C
0.66
0.80
V
VF2
@ 180A, Pulse, TJ = 125 °C
@ 360A, Pulse, TJ = 125 °C
0.56
0.69
V
Max. Reverse Current (per
leg) *
IR1
@VR = rated VR TJ = 25 °C
15
mA
IR2
@VR = rated VR TJ = 125 °C
135
mA
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
7800
pF
Typical Series Inductance
(per leg)
LS
Measured lead to lead 5 mm
from package body
6.0
nH
Max. Voltage Rate of Change
dv/dt
-
10,000
V/
μs
*Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +175
°C
Max. Storage Temperature
Tstg
-
-55 to +175
°C
Maximum Thermal
Resistance Junction to Case
RθJC
DC operation
0.30
°C/W
Typical Thermal Resistance,
case to Heat Sink
Rθcs
Mounting surface, smooth
and greased
0.10
°C/W
Mounting Torque
TM
Non-lubricated threads
Mounting
Torque
23(min)
29(max)
Kg-cm
Terminal
Torque
35(min)
46(max)
Approximate Weight
wt
-
25.6
g
Case Style
PRM1-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com