Electronic Components Datasheet Search
  English  ▼

X  

PF2472 Datasheet(PDF) 2 Page - Riedon Powertron

Part # PF2472
Description  TO-247 Power Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PF2472 Datasheet(HTML) 2 Page - Riedon Powertron

  PF2472 Datasheet HTML 1Page - Riedon Powertron PF2472 Datasheet HTML 2Page - Riedon Powertron PF2472 Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
05/16
SPECIFICATIONS (continued)
Power Rating Notes -
The PF2470 Series Thin Film Resistors must be attached to a suit-
able heatsink. The maximum internal resistor temperature is 155°C.
To specify an appropriate heatsink use the following formula :
Where:
R
θH = Thermal Resistance of Heatsink ( °C/W )
R
θR = Thermal Resistance of Resistor ( °C/W )
T
MAX = Maximum Temperature of Resistor
T
A = Ambient Temperature of Heatsink ( °C )
P = Power Through Resistor ( W )
-25
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
Backplate Temperature (°C)
Power Derating Curve
Mounting Notes -
The PF2470 Series Thin Film Resistors must be attached to
a suitable heatsink. Mount resistor using thermal grease to a
clean, flat surface. Use a compression washer to provide 150 to
300 pounds ( 665 to 1330N ) of mounting force. Torque mount-
ing screw to 8 in-lbs ( 0.9 N-m ).
Back plate is isolated from both pins.
PF2470 Series
TO-247 Power Film Resistors
Part Description: Part Type - Resistance - Tolerance
Example: PF2472 10 Ohm 1%
Ordering Information
0.630 [16.0]
0.201 [5.1]
0.787 [20.0]
0.571 [14.5]
ø0.032 [0.8]
0.429 [10.9]
0.142 [3.6]
0.189 [4.8]
ø0.142 [ø3.6]
( *
)
R
P
T
P
R
T
H
MAX
R
A
=
-
-
H
H



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com