Electronic Components Datasheet Search
  English  ▼

X  

PFS35 Datasheet(PDF) 1 Page - Riedon Powertron

Part # PFS35
Description  Power SMD Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PFS35 Datasheet(HTML) 1 Page - Riedon Powertron

  PFS35_16 Datasheet HTML 1Page - Riedon Powertron PFS35_16 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
05/16
• TO-263 Housing (D-Pak)
• Resistances from 0.01Ohm to 51kOhms
• Power Rating to 35Watt
• Resistance Tolerances to ±1%
• TCR to ±50ppm/°C
• Load Stability to 1%
• Solder Reflow Secure at 260°C / 20s
• Isolated Back Plate
PFS35
Type
PFS35
Terminals
2
Power Rating (with heatsink)
35 W ( 2W on Simple Solder Pad )
Thermal Resistance Rthj-c
3.3 K/W
Resistance Range
0.01 to 0.099Ohms
0.1 to 9.9Ohms
10 to 51KOhms
Tolerances (others upon request)
5%
1% / 5%
1%
Temperature Coefficient
±250 ppm/°C
±100 ppm/°C
±50 ppm/°C
Operating Temperature
-55°C to 155°C
Max Operating Voltage
500V
Inductance
8.4 nH
Voltage Proof
2.0kV DC
Insulation Resistance
Over 1,000 Megohm
Resistor Material
Thin Film
Load Life
±1%
90 min ON, 30 min OFF, 1000 hrs @ 25C
Humidity
±1%
90-95% RH, 0.1W, 1000 hrs @ 40C
Temperature Cycle
±0.25%
-55C for 30 min, +155C for 30 min, 5 cycles
Solder Heat
±0.1%
350C ±5C for 3 seconds
Vibration
±0.25%
IEC60068-2-6
SPECIFICATIONS
Part Description: Part Type - Resistance - Tolerance
PFS35 10 Ohms 1%
Ordering Information
Power SMD Film Resistors


Similar Part No. - PFS35_16

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PFS35-10RF1 RIEDON-PFS35-10RF1 Datasheet
145Kb / 2P
Power SMD Film Resistors
logo
Won-Top Electronics
PFS3501 WTE-PFS3501 Datasheet
32Kb / 2P
35A 1/2 RUGGED LEAD PRESS-FIT DIODE
logo
Riedon Powertron
PFS35 RIEDON-PFS35_13 Datasheet
175Kb / 2P
Power SMD Film Resistors
More results

Similar Description - PFS35_16

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PFS35 RIEDON-PFS35 Datasheet
204Kb / 2P
Power SMD Film Resistors
PFC10 RIEDON-PFC10 Datasheet
235Kb / 3P
Thick Film Power SMD Resistors
PFS35 RIEDON-PFS35_13 Datasheet
175Kb / 2P
Power SMD Film Resistors
PFS35-0R5F1 RIEDON-PFS35-0R5F1 Datasheet
163Kb / 2P
Power SMD Film Resistors
PFS35-0R01J1 RIEDON-PFS35-0R01J1 Datasheet
145Kb / 2P
Power SMD Film Resistors
PFS35-0R2F1 RIEDON-PFS35-0R2F1 Datasheet
145Kb / 2P
Power SMD Film Resistors
PFS35-5KF1 RIEDON-PFS35-5KF1 Datasheet
145Kb / 2P
Power SMD Film Resistors
PFS35-500RF1 RIEDON-PFS35-500RF1 Datasheet
145Kb / 2P
Power SMD Film Resistors
PFS35-0R05J1 RIEDON-PFS35-0R05J1 Datasheet
145Kb / 2P
Power SMD Film Resistors
PFS35-10RF1 RIEDON-PFS35-10RF1 Datasheet
145Kb / 2P
Power SMD Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com