Electronic Components Datasheet Search
  English  ▼

X  

SS3L45 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SS3L45
Description  Metal to sillicon rectifier, majority carrier conduction
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SS3L45 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SS3L45 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS3L45 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS3L45 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS3L45 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS3L45 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Green products
Data Sheet N1823 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SS3L45
SS3L45 LOW VF SCHOTTKY RECTIFIER
Features:
•
For surface mounted application
•
Metal to sillicon rectifier, majority carrier conduction
•
Low forward voltage drop
•
Easy pick and place
•
High surge current capability
Mechanical Data
•
Case: Molded plastic
•
High temperature soldering: 260℃/10 seconds at terminals
•
Polarity: Indicated by cathode band
•
Weight: 0.064 grams
Mechanical Dimensions (In Inches/mm)
SMAF


Similar Part No. - SS3L45

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SS3L45 SMCDIODE-SS3L45 Datasheet
395Kb / 4P
SS3L45 SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - SS3L45

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
B5817W GXELECTRONICS-B5817W Datasheet
300Kb / 3P
Low stored change,majority carrier conduction.
logo
Taiwan Semiconductor Co...
MBR20200PT TSC-MBR20200PT Datasheet
103Kb / 2P
Metal silicon junction, majority carrier conduction
logo
Gaomi Xinghe Electronic...
MBR1030 GXELECTRONICS-MBR1030 Datasheet
377Kb / 2P
Metal of silicon rectifier , majority carrier conduction
logo
Kersemi Electronic Co.,...
MBR10H60 KERSEMI-MBR10H60 Datasheet
1Mb / 3P
Metal silicon junction, majority carrier conduction
logo
Sangdest Microelectroni...
1N5817W SMC-1N5817W Datasheet
135Kb / 4P
Metal silicon junction, majority carrier conduction
logo
SHIKUES Electronics
B5817WS SKTECHNOLGY-B5817WS Datasheet
2Mb / 4P
Extremely low, Low stored change, Majority carrier conduction
logo
Shanghai Leiditech Elec...
B5817W LEIDITECH-B5817W Datasheet
790Kb / 3P
Low stored change,majority carrier conduction.
RB160M-30 LEIDITECH-RB160M-30 Datasheet
587Kb / 3P
Low stored change,majority carrier conduction.
logo
Shenzhen Luguang Electr...
SS345FL LUGUANG-SS345FL Datasheet
1Mb / 2P
Metal silicon junction, majority carrier conduction
logo
Guangdong Youtai Semico...
SS52 UMW-SS52_V01 Datasheet
198Kb / 3P
Metal to silicon rectifier, majority carrier conduction.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com