Electronic Components Datasheet Search
  English  ▼

X  

SS22A Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SS22A
Description  Surge Overload Rating to 50A Peak
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SS22A Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SS22A Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS22A Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS22A Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS22A Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SS22A Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Green Products
Data Sheet N1816, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SS22A THRU SS225A
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified
Single phase, half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Note:
1.Mounted on P.C. Board with 5.0 mm² (0.13mm thick)copper pad areas.
Type Number
Symbol
SS
22A
SS
23A
SS
24A
SS
245A
SS
25A
SS
26A
SS
28A
SS
210A
SS
215A
SS
220A
SS
225A
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
20
30
40
45
50
60 80 100 150 200 250
V
RMS Reverse Voltage
VRMS
14
21
28
31
35
42 56 70 105 140 175
V
Average forward rectified output current
@TA = 90°C
IO
2
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
50
A
Forward Voltage (per element)
@IF =2.0A
VFM
0.55
0.7
0.85
0.92
0.95
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 100°C
IRM
0.1
10
0.05
5
mA
Typical Junction Capacitance(per leg)
CJ
28
pF
Typical Thermal Resistance (per leg) (Note 2)
RθJL
88
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com