Electronic Components Datasheet Search
  English  ▼

X  

SSR809N Datasheet(PDF) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SSR809N
Description  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SSR809N Datasheet(HTML) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Back Button SSR809N Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809N Datasheet HTML 10Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Technical Data
3-Pin Microprocessor Reset Circuits
Data Sheet N1589 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SSR809N
SSR809P/SSR810P
Pin Descriptions
GND Pin
: Ground.
RESET
———————
Pin (SSR809P) : Active low output pin. RESET
———————
Output remains low while Vcc is below the reset
threshold.
RESET Pin (SSR810P) : Active high output pin. RESET output remains high while Vcc is below the reset
threshold.
Vcc Pin
: Supply voltage.
Detail Descriptions of Technical Terms
RESET OUTPUT
μP will be activated at a valid reset state. These μP supervisory circuits assert reset to prevent code
execution errors during power-up, power-down, or brownout conditions.
RESET
———————
is guaranteed to be a logic low for V
TH
>VCC>0.9V. Once VCC exceeds the reset threshold, an
internal timer keeps RESET
———————
low for the reset timeout period; after this interval, RESET
———————
goes high.
If a brownout condition occurs (VCC drops below the reset threshold), RESET
———————
goes low. Any time VCC goes
below the reset threshold, the internal timer resets to zero, and RESET
———————
goes low. The internal timer is
activated after VCC returns above the reset threshold, and RESET
———————
remains low for the reset timeout period.
BENEFITS OF HIGHLY ACCURATE RESET THRESHOLD
SSR809P/SSR810P with specified voltage as 5V±10% or 3V±10% are ideal for systems using a 5V±5% or
3V±5% power supply. The reset is guaranteed to assert after the power supply falls out of regulation, but
before power drops below the minimum specified operating voltage range of the system ICs. The pre-trimmed
thresholds are reducing the range over which an undesirable reset may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com