Electronic Components Datasheet Search
  English  ▼

X  

PI2126 Datasheet(PDF) 12 Page - Vicor Corporation

Part # PI2126
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2126 Datasheet(HTML) 12 Page - Vicor Corporation

Back Button PI2126 Datasheet HTML 7Page - Vicor Corporation PI2126 Datasheet HTML 8Page - Vicor Corporation PI2126 Datasheet HTML 9Page - Vicor Corporation PI2126 Datasheet HTML 10Page - Vicor Corporation PI2126 Datasheet HTML 11Page - Vicor Corporation PI2126 Datasheet HTML 12Page - Vicor Corporation PI2126 Datasheet HTML 13Page - Vicor Corporation PI2126 Datasheet HTML 14Page - Vicor Corporation PI2126 Datasheet HTML 15Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Picor Corporation • picorpower.com
PI2126
Rev 1.1
Page 12 of 15
Typical application Example:
Requirement:
Redundant Bus Voltage = 12V (±10%, 10.8V to 13.2V)
Load Current = 10A (assume through each redundant path)
Maximum Ambient Temperature = 60°C
Solution:
A single PI2126 for each redundant 12V power source
should be used, configured as shown in the circuit
schematic in Figure 18. PG pin is connected to ground and
VR pin is connected to Vin,
Figure 18: PI2126 in 12V redundant bus voltage application
The fault pin (
) can be pulled to the system logic level
voltage via a resistor (10kΩ), or it can be connected to the
input voltage (Vin) via a 25kΩ resistor.
Power Dissipation and Junction Temperature:
First use Figure 13 (Junction Temperature vs. Input
Current) to find the final junction temperature for 10A load
current at 60°C ambient temperature. In Figure 13
(illustrated in Figure 19) draw a vertical line from 10A to
intersect the 60°C ambient temperature line.
At the
intersection draw a horizontal line towards the Y-axis
(Junction Temperature). The Junction Temperature at
maximum load current (10A) and 60°C ambient is 95°C.
Figure 19: Example 1 final junction temperature at 10A/60°C
RDS(on) is 6mΩ maximum at 25°C and will increase as the
Junction temperature increases. From Figure 10, at 95°C
RDS(on) will increase by 26%, then
maximum at 95°C
Maximum power dissipation is:
Recalculate TJ:
VR
PI2126
Vin1
S
D
Vin2
FT
SP
SN
VC
VR
PI2126
S
D
FT
FT
SP
SN
VC
6
7
8
10, 11
13
14
FT
6
7
8
10, 11
13
14
2-5 & 18-21
1,15-17 & 22-25
2-5 & 18-21
U1
U2
1,15-17 & 22-25
95
0
1
2
3
4
5
6
7
8
9
10 11
12
50
60
70
80
90
100
110
120
130
140
150
Input Current [A]
TA = 100°C
TA = 90°C
TA = 80°C
TA = 70°C
TA = 60°C
TA = 50°C
RDS(on)=6.0mΩ @ 25°C
RθJA = 46°C/W
Air Flow = 0LFM
EOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com