Electronic Components Datasheet Search
  English  ▼

X  

MAP2 Datasheet(PDF) 1 Page - MMD Components

Part # MAP2
Description  Wide Frequency Range
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MAP2 Datasheet(HTML) 1 Page - MMD Components

  MAP2 Datasheet HTML 1Page - MMD Components MAP2 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
01/29/15 K
Subject to change without notice
Pg 1 of 2
Revision:
M
MA
AP
P,, M
MA
ALL &
& M
MA
AV
V S
Se
erriie
ess O
Osscciilllla
atto
orr
Marking Detail
Mechanical & Environmental Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code (Year /
Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
LVDS
LVPECL
PECL
Frequency Range
12.500MHz to 800.000MHZ
Frequency Stability*
(See Part Number Guide for Options)
Operating Temp.Range
(See Part Number Guide for Options)
Storage Temp. Range
-55°C to +125°C
Aging
±5 ppm / yr max
Logic “0”
1.43V typ
Vdd – 1.620 VDC max
Vdd – 1.620 VDC max
Logic “1”
1.10V typ
Vdd- 1.025 vdc min
Vdd- 1.025 vdc min
Supply Voltage (Vdd)
Supply Current
2.5VDC ± 5%
50 mA max
50 mA max
N/A
3.3VDC ± 5%
60 mA max
60 mA max
N/A
5.0VDC ± 5%
N/A
N/A
140 mA max
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Rise / Fall Time (20% to 80%)
2nSec max
Load
50Ω
50Ω
Start Time
10mSec max
Phase Jitter (12kHz to 20MHz)
Less than 1 pSec
* Inclusive of Temp., Load, and Voltage
50Ω
 Industry Standard Package
 Wide Frequency Range
 RoHS Compliant Available
 Less than 1 pSec Jitter


Similar Part No. - MAP2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MAP200 TEC-MAP200 Datasheet
249Kb / 2P
KILOVAC High Voltage DC Contactors
logo
Tyco Electronics
MAP200ARAEA MACOM-MAP200ARAEA Datasheet
109Kb / 2P
Contacts Rated up to 500 Amps, 12-900VDC
MAP200ARAFA MACOM-MAP200ARAFA Datasheet
109Kb / 2P
Contacts Rated up to 500 Amps, 12-900VDC
MAP200ARANA MACOM-MAP200ARANA Datasheet
109Kb / 2P
Contacts Rated up to 500 Amps, 12-900VDC
MAP200ARBEA MACOM-MAP200ARBEA Datasheet
109Kb / 2P
Contacts Rated up to 500 Amps, 12-900VDC
More results

Similar Description - MAP2

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V857YL-025T ICST-ICS93V857YL-025T Datasheet
82Kb / 10P
2.5V Wide Range Frequency Clock Driver
logo
MTRONPTI
XO7060 MTRONPTI-XO7060 Datasheet
48Kb / 1P
High Frequency Wide Pulling Range
logo
Integrated Circuit Syst...
ICS97U877AHLF ICST-ICS97U877AHLF Datasheet
218Kb / 13P
1.8V Wide Range Frequency Clock Driver
logo
Advanced Crystal Techno...
ACTSPXO08 ACT-ACTSPXO08 Datasheet
58Kb / 1P
Wide Frequency Range up to 160MHz
17/08/04
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
Output 50廓 Wide frequency range
logo
Integrated Device Techn...
97U877AHLF IDT-97U877AHLF Datasheet
646Kb / 13P
1.8V Wide Range Frequency Clock Driver
logo
Murata Manufacturing Co...
CSACW22M5X53-R0 MURATA-CSACW22M5X53-R0 Datasheet
186Kb / 3P
Available in a wide frequency range
logo
MMD Components
MAL3 MMD-MAL3 Datasheet
114Kb / 2P
Wide Frequency Range
MAV2 MMD-MAV2 Datasheet
114Kb / 2P
Wide Frequency Range
logo
ECS, Inc.
ECS-HFR-A ECS-ECS-HFR-A Datasheet
113Kb / 1P
Wide Frequency range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com