Electronic Components Datasheet Search
  English  ▼

X  

ACM06 Datasheet(PDF) 2 Page - XP Power Limited

Part # ACM06
Description  AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ACM06 Datasheet(HTML) 2 Page - XP Power Limited

  ACM06 Datasheet HTML 1Page - XP Power Limited ACM06 Datasheet HTML 2Page - XP Power Limited ACM06 Datasheet HTML 3Page - XP Power Limited ACM06 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ACM06 Series
www.xppower.com
2
AC-DC Power Supplies
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
80
%
Typical average of efficiencies measured at 25%, 50%, 75%
and 100% load and 115 VAC input
Energy Efficiency
Level VI
Isolation
4000
VAC
Input to Output
Leakage Current
20
100
µA
At 264 VAC, 60 Hz, from output to ground
Switching Frequency
24
70
kHz
Variable
Mean Time Between Failure
250
kHrs
MIL-HDBK-217F at 25 °C GB
Weight
0.18 (80)
lb (g)
Body only
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
0
+60
°C
Derate from 100% load at 40 °C to 50% load at 60 °C
Storage Temperature
-20
+85
°C
Operating Humidity
5
90
%
RH, non-condensing
Operating Altitude
5000
m
Cooling
Natural convection
Shock
1 m drop onto concrete on each of 6 axes, non operating
Vibration
10
300
Hz
2 g, 0.3 decades/min, 15 mins for each of 3 axes
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Level B
Radiated
EN55022
Level B
Harmonic Current
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
UL
UL60950-1
Information Technology
TUV
EN60950-1
CB
IEC60950-1
CE
LVD
UL
ANSI/AAMI ES 60601-1
Medical
CSA
CSA C22.2 No. 60601
TUV
EN60601-1
CB
IEC60601-1
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Medical Device EMC
IEC60601-1-2
Ed.4.0 : 2014
as below
Low Voltage PSU EMC
EN61204-3
High severity level
as below
ESD Immunity
EN61000-4-2
±8 kV contact, ±15 kV air
A
Radiated Immunity
EN61000-4-3
10 V/m
A
EFT/Burst
EN61000-4-4
Level 3
A
Surge
EN61000-4-5
Level 3
A
Conducted Immunity
EN61000-4-6
6 V
A
Magnetic Fields
EN61000-4-8
30 A/m
A
Dips and Interruptions
EN61000-4-11
Dip: 100% 10 ms
A
Dip: 70% 500 ms
B
High Line/Low Line
Int: 100% 5000 ms
B
EN60601-1-2
Dip: 30% 25 AC Cycles
A
Int: 100% 0.5 AC Cycle
A
At 8 angles
Int: 100% 1 AC Cycle
A
Int.: >95% 5000 ms
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com