Electronic Components Datasheet Search
  English  ▼

X  

ST560S Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ST560S
Description  Ultralow forward voltage drop
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ST560S Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ST560S Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST560S Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST560S Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST560S Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST560S Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Green Products
Data Sheet N1586, Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ST560S
ST560S SCHOTTKY RECTIFIER
Applications:
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
Features:
150 °C TJ operation
Center tap configuration
Ultralow forward voltage drop
High purity, high temperature epoxy encapsulation for enhanced
mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In mm
TO-277B


Similar Part No. - ST560S

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
ST560S SMCDIODE-ST560S Datasheet
300Kb / 4P
SCHOTTKY RECTIFIER
Rev. C
More results

Similar Description - ST560S

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
Sangdest Microelectroni...
ST8100 SMC-ST8100 Datasheet
240Kb / 8P
Ultralow forward voltage drop
STB40H100C SMC-STB40H100C Datasheet
205Kb / 5P
Ultralow forward voltage drop
STF20H150C SMC-STF20H150C Datasheet
252Kb / 5P
Ultralow forward voltage drop
STF30H150C SMC-STF30H150C Datasheet
257Kb / 5P
Ultralow forward voltage drop
STF4080C SMC-STF4080C Datasheet
180Kb / 5P
Ultralow forward voltage drop
logo
Vishay Siliconix
VS-8ETL06SPBF VISHAY-VS-8ETL06SPBF Datasheet
190Kb / 9P
Benchmark ultralow forward voltage drop
15-Nov-16
VS-95SQ015 VISHAY-VS-95SQ015 Datasheet
140Kb / 7P
Ultralow forward voltage drop
09-Sep-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com