Electronic Components Datasheet Search
  English  ▼

X  

301CMQ Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 301CMQ
Description  Guard ring for enhanced ruggedness and long term reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

301CMQ Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  301CMQ Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 301CMQ Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 301CMQ Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 301CMQ Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Green Products
Data Sheet N1211, Rev. B
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
301CMQ… SERIES
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
35
301CMQ035
V
40
301CMQ040
45
301CMQ045
50
301CMQ050
Average Forward Current
IF(AV)
50% duty cycle @TC =81°C,
rectangular wave form
150
per leg
A
300
per device
Peak One Cycle Non-Repetitive
Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
3840
A
Non-Repetitive Avalanche
Energy(peg leg)
EAS
TJ=25℃,IAS=40A,L=0.34mH
202
mJ
Repetitive Avalanche Current(peg
leg)
IAR
Current decaying linearly to
zero in 1 μsec Frequency
limited by TJ max. VA=1.5×
VR typical
30
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Forward Voltage Drop
(per leg) *
VF1
@ 150A, Pulse, TJ = 25 °C
@ 300A, Pulse, TJ = 25 °C
0.69
0.90
V
VF2
@ 150A, Pulse, TJ = 125 °C
@ 300A, Pulse, TJ = 125 °C
0.59
0.76
V
Reverse Current (per leg) *
IR1
@VR = rated VR TJ = 25 °C
10
mA
IR2
@VR = rated VR TJ = 125 °C
90
mA
Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
5200
pF
Typical Series Inductance
(per leg)
LS
Measured lead to lead 5 mm
from package body
7.0
nH
Voltage Rate of Change
dv/dt
-
10,000
V/
μs
Insulation Voltage
VRMS
-
1000
V
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +175
°C
Storage Temperature
Tstg
-
-55 to +175
°C
Typical Thermal Resistance
Junction to Case(per leg)
RθJC
DC operation
0.50
°C/W
Typical Thermal Resistance
Junction to Case(per package)
RθJC
DC operation
0.25
°C/W
Typical Thermal Resistance, case
to Heat Sink
Rθcs
Mounting surface, smooth
and greased
0.10
°C/W
Mounting Torque
TM
-
Mounting
Torque Base
24(min)
35(max)
Kg-cm
Terminal
Torque
35(min)
46(max)
Approximate Weight
wt
-
79
g
Case Style
PRM4 Isolated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com