Electronic Components Datasheet Search
  English  ▼

X  

ST880S Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ST880S
Description  High frequency operation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ST880S Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ST880S Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST880S Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST880S Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST880S Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST880S Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1585, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ST880S
ST880S SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
Features:
•
150 °C TJ operation
•
Center tap configuration
•
Ultralow forward voltage drop
•
High purity, high temperature epoxy encapsulation for enhanced
mechanical strength and moisture resistance
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In mm
TO-277B


Similar Part No. - ST880S

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
ST880S SMCDIODE-ST880S Datasheet
277Kb / 4P
SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - ST880S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-241NQ045PBF VISHAY-VS-241NQ045PBF Datasheet
127Kb / 6P
High frequency operation
19-Mar-15
logo
Littelfuse
DST2045AX LITTELFUSE-DST2045AX Datasheet
921Kb / 3P
High frequency operation
DST2060C LITTELFUSE-DST2060C Datasheet
660Kb / 3P
High frequency operation
DST2060DJF LITTELFUSE-DST2060DJF Datasheet
945Kb / 3P
High frequency operation
DST2080S LITTELFUSE-DST2080S Datasheet
735Kb / 3P
High frequency operation
DST20150C LITTELFUSE-DST20150C Datasheet
981Kb / 3P
High frequency operation
DSTB2045C LITTELFUSE-DSTB2045C Datasheet
627Kb / 3P
High frequency operation
DSTF3045C LITTELFUSE-DSTF3045C Datasheet
687Kb / 3P
High frequency operation
DSTF4060C LITTELFUSE-DSTF4060C Datasheet
695Kb / 3P
High frequency operation
DSTF20120C LITTELFUSE-DSTF20120C Datasheet
700Kb / 3P
High frequency operation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com