Electronic Components Datasheet Search
  English  ▼

X  

MAX1747 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1747
Description  Triple Charge-Pump TFT LCD DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1747 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1747 Datasheet HTML 5Page - Maxim Integrated Products MAX1747 Datasheet HTML 6Page - Maxim Integrated Products MAX1747 Datasheet HTML 7Page - Maxim Integrated Products MAX1747 Datasheet HTML 8Page - Maxim Integrated Products MAX1747 Datasheet HTML 9Page - Maxim Integrated Products MAX1747 Datasheet HTML 10Page - Maxim Integrated Products MAX1747 Datasheet HTML 11Page - Maxim Integrated Products MAX1747 Datasheet HTML 12Page - Maxim Integrated Products MAX1747 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Triple Charge-Pump TFT LCD DC-DC Converter
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 13
© 2000 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Package Information
PC Board Layout and Grounding
Careful printed circuit layout is important to minimize
ground bounce and noise. First, place the main charge-
pump flying capacitor less than 0.2in (5mm) from the
CXP and CXN pins with wide traces and no vias. Then
place 0.1µF ceramic bypass capacitors near the
charge-pump input pins (SUPP and SUPN) to the
PGND pin. Keep the charge-pump circuitry as close to
the IC as possible, using wide traces and avoiding vias
when possible. Locate all feedback resistive dividers as
close to their respective feedback pins as possible. The
PC board should feature separate analog and power
ground areas connected at only one point under the IC.
To maximize output power and efficiency, and minimize
output power ripple voltage, use extra-wide power
ground traces, and solder the IC’s power ground pin
directly to it. Avoid having sensitive traces near the
switching nodes and high-current lines.
Refer to the MAX1747 evaluation kit for an example of
proper board layout.
Chip Information
TRANSISTOR COUNT: 2534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com