Electronic Components Datasheet Search
  English  ▼

X  

ST2060DJF Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ST2060DJF
Description  Trench MOS Schottky technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ST2060DJF Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ST2060DJF Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST2060DJF Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST2060DJF Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ST2060DJF Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Green Products
Data Sheet N1587, Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
ST2060DJF
ST2060DJF POWER SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
Features:
•
Ultralow forward voltage drop
•
Very small conduction losses
•
Negligible switching losses
•
Extremely fast switching
•
Low thermal resistance
•
Trench MOS Schottky technology
•
Avalanche capability specified
•
Thin package: 1 mm
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In mm/Inches
PDFNWB5×6-8L


Similar Part No. - ST2060DJF

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
ST2060DJF SMCDIODE-ST2060DJF Datasheet
299Kb / 4P
SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - ST2060DJF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBRF20100CT KERSEMI-MBRF20100CT Datasheet
1Mb / 4P
Trench MOS Schottky technology
logo
Sangdest Microelectroni...
STB30H100C SMC-STB30H100C Datasheet
206Kb / 5P
Trench MOS Schottky technology
logo
Vishay Siliconix
V8P6-M3 VISHAY-V8P6-M3 Datasheet
103Kb / 5P
Trench MOS Schottky technology
07-Mar-17
V10P20 VISHAY-V10P20 Datasheet
90Kb / 5P
Trench MOS Schottky technology
17-Feb-17
V15P6-M3 VISHAY-V15P6-M3 Datasheet
96Kb / 5P
Trench MOS Schottky technology
09-Jan-17
V15PL50 VISHAY-V15PL50 Datasheet
756Kb / 5P
Trench MOS Schottky technology
02-Jul-13
V20PL50-M3 VISHAY-V20PL50-M3 Datasheet
82Kb / 5P
Trench MOS Schottky technology
15-May-14
V25PL60-M3 VISHAY-V25PL60-M3 Datasheet
82Kb / 5P
Trench MOS Schottky technology
15-May-14
VSSA3L6S-M3 VISHAY-VSSA3L6S-M3 Datasheet
87Kb / 4P
Trench MOS Schottky technology
05-Nov-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com