Electronic Components Datasheet Search
  English  ▼

X  

BT103 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BT103
Description  DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT103 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BT103 Datasheet HTML 1Page - List of Unclassifed Manufacturers BT103 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23
Electrical Specifications
All specifications typical at nominal line, full load and 25°C
Dimensions and Connections
OUTPUT SPECIFICATIONS
Voltage Accuracy
±3% max.
Line Regulation (Full Input Range)
±1% max.
Load Regulation (1/4-Full Load)
±1% max.
Ripple and Noise (DC-20MHz)
1% of Vout p-p max.
Temperature Coefficient
±0.05%/°C max.
Short Circuit Protection
Short Term
INPUT SPECIFICATIONS
Input Voltage Range
±10%
Input Filter
Capacitor
GENERAL SPECIFICATIONS
Switching Frequency
25 kHz.
Efficiency
See Table
Isolation (Input-Output)
500VDC (1000 Mohm/80pF)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-25°C. to +71°C
Storage Temperature
-55°C. to +105°C
PIN
SINGLE
DUAL
OUTPUT
OUTPUT
1
+ V Input
+ V Input
2
No Connection
- V Output
3
No Connection
Common
10
- V Output
Common
11
+ V Output
+ V Output
12
- V Input
- V Input
13
- V Input
- V Input
14
+ V Output
+ V Output
15
- V Output
Common
22
No Connection
Common
23
No Connection
- V Output
24
+ V Input
+ V Input
(BOTTOM VIEW)
Dimensions in inches (mm)
Specifications subject to change.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com