Electronic Components Datasheet Search
  English  ▼

X  

MAX3872 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3872
Description  Multirate Clock and Data Recovery with Limiting Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3872 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3872 Datasheet HTML 1Page - Maxim Integrated Products MAX3872 Datasheet HTML 2Page - Maxim Integrated Products MAX3872 Datasheet HTML 3Page - Maxim Integrated Products MAX3872 Datasheet HTML 4Page - Maxim Integrated Products MAX3872 Datasheet HTML 5Page - Maxim Integrated Products MAX3872 Datasheet HTML 6Page - Maxim Integrated Products MAX3872 Datasheet HTML 7Page - Maxim Integrated Products MAX3872 Datasheet HTML 8Page - Maxim Integrated Products MAX3872 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Multirate Clock and Data Recovery
with Limiting Amplifier
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, TA = -40°C to +85°C. Typical values at VCC = +3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVTTL INPUT/OUTPUT SPECIFICATIONS (LOL, LREF, RATESET, RS1, RS2, FREFSET)
LVTTL Input High Voltage
VIH
2.0
V
LVTTL Input Low Voltage
VIL
0.8
V
LVTTL Input Current
-10
+10
µA
LVTTL Output High Voltage
VOH
IOH = +20µA
2.4
V
LVTTL Output Low Voltage
VOL
IOL = -1mA
0.4
V
Note 1: At -40
°C, DC characteristics are guaranteed by design and characterization.
Note 2: CML outputs open.
Note 3: Voltage applied to VCTRL pin is from +0.3V to +2.1V when input threshold is adjusted from +170mV to -170mV.
Note 4: RL = 50
Ω to VCC.
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, TA = -40°C to +85°C. Typical values are at VCC = +3.3V and TA = +25°C, unless otherwise noted.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Input Data Rate
Table 2
Differential Input Voltage (SDI±)
VID
Threshold adjust disabled, Figure 1 (Note 6)
10
1600
mVP-P
Differential Input Voltage (SLBI±)
BER
≤ 10-10
50
800
mVP-P
OC-3
80
130
OC-12
370
500
Jitter Transfer Bandwidth
JBW
OC-48
1500
2000
kHz
Jitter Peaking
JP
f
≤ JBW
0.1
dB
f = 100kHz
3.1
8.0
f = 1MHz
0.62
0.93
Sinusoidal Jitter Tolerance
OC-48
f = 10MHz
0.44
0.65
UIP-P
f = 25kHz
2.9
8.3
f = 250kHz
0. 59
1.03
Sinusoidal Jitter Tolerance
OC-12
f = 2.5MHz
0.42
0.63
UIP-P
f = 6.5kHz
2.9
7.8
f = 65kHz
0.59
1.05
Sinusoidal Jitter Tolerance
OC-3
f = 650kHz
0.42
0.64
UIP-P
f = 100kHz
7.1
f = 1MHz
0.82
Sinusoidal Jitter Tolerance with
Threshold Adjust Enabled
OC-48 (Note 7)
f = 10MHz
0.54
UIP-P
Jitter Generation
JGEN
(Note 8)
2.7
4.0
mUIRMS
100kHz to 2.5GHz
16
Differential Input Return Loss
(SDI
±, SLBI±)
-20log
| S11 |
2.5GHz to 4.0GHz
15
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com