Electronic Components Datasheet Search
  English  ▼

X  

BT8960 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # BT8960
Description  Single-Chip 2B1Q Transceiver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT8960 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button BT8960 Datasheet HTML 17Page - List of Unclassifed Manufacturers BT8960 Datasheet HTML 18Page - List of Unclassifed Manufacturers BT8960 Datasheet HTML 19Page - List of Unclassifed Manufacturers BT8960 Datasheet HTML 20Page - List of Unclassifed Manufacturers BT8960 Datasheet HTML 21Page - List of Unclassifed Manufacturers BT8960 Datasheet HTML 22Page - List of Unclassifed Manufacturers BT8960 Datasheet HTML 23Page - List of Unclassifed Manufacturers BT8960 Datasheet HTML 24Page - List of Unclassifed Manufacturers BT8960 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
11
1.0 System Overview
1.3 Pin Descriptions
Bt8960
Single-Chip 2B1Q Transceiver
N8960DSB
Channel Unit Interface
RQ[1]/
RDAT
RQ[0]/ BCLK
Receive Quat 1/
Receive Data
Receive Quat 0/
Bit Clock
O
O
RQ[1]/RDAT and RQ[0]/BCLK are bimodal outputs that represent the sign and
magnitude bits of the received quaternary output symbol in parallel channel unit
modes (RQ[1], RQ[0]), and the serial-data and bit-clock outputs in serial chan-
nel unit modes (RDAT, BCLK). Behavior of these outputs is configurable through
the Channel Unit Interface Modes Register [CU_interface_modes; 0x06] for par-
allel master, parallel slave, serial magnitude-bit-first and serial sign-bit-first
operations.
For parallel mode operation:
RQ[1] = Sign bit output
RQ[0] = Magnitude bit output
Both outputs are updated at the symbol rate on the rising edge of QCLK
(master mode) or the rising/falling edge (programmable) of RBCLK (slave
mode).
For serial mode operation:
RDAT = Serial quaternary data output
BCLK = Bit-rate (two times symbol rate) clock output
RDAT is updated at the bit rate on the rising edge of BCLK
TQ[1]/ TDAT
TQ[0]
Transmit Quat 1/
Transmit Data
Transmit Quat 0
I
I
TQ[1]/TDAT and TQ[0] are bimodal inputs that represent the sign and magnitude
bits of the quaternary input symbol to be transmitted in parallel channel unit
modes (TQ[1], TQ[0]), and the serial data input in serial channel unit modes
(TDAT). Interpretation of these inputs is configurable through the Channel Unit
Interface Modes Register [CU_Interface_modes; 0x06] for parallel master, par-
allel slave, serial magnitude-bit-first and serial sign-bit-first operations.
For parallel mode operation:
TQ[1] = Sign bit input
TQ[0] = Magnitude bit input
Both inputs are sampled at the symbol rate on the falling edge of QCLK (mas-
ter mode) or the rising/falling edge (programmable) of TBCLK (slave mode).
For serial mode operation:
TDAT = Serial quaternary data input
TQ0 = Don’t care (tie or pull up to supply rail)
TDAT is sampled at the bit rate (two times the symbol rate) on the falling
edge of BCLK.
QCLK
Quaternary Clock
O
Runs at the symbol rate. It defines the data on the TQ and RQ interfaces. QCLK
is also used to frame transmit/receive quats in serial mode.
TBCLK
Transmit Baud-
Rate Clock
I
Functions as the transmit baud-rate clock input. It must be frequency locked to
QCLK. This input is used only when the channel unit interface is in parallel slave
mode. If it is unused, it should be tied to VDD2 or DGND.
RBCLK
Receive Baud-
Rate Clock
I
Functions as the receive baud-rate clock input. It must be frequency locked to
QCLK. This input is used only when the channel unit interface is in parallel slave
mode. If it is unused, it should be tied to VDD2 or DGND.
Table 1-2. Hardware Signal Definitions (2 of 4)
Pin Label
Signal Name
I/O
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com