Electronic Components Datasheet Search
  English  ▼

X  

303DMQ600 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 303DMQ600
Description  High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

303DMQ600 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  303DMQ600 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 303DMQ600 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 303DMQ600 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1674, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
303DMQ600
303DMQ600 ULTRAFAST RECTIFIER
Applications:
● High current switching power supply ● Plating power supply ● Free-Wheeling diodes
● Reverse battery protection ● Converters ● UPS System ● Welding
Features:
•
175 ℃ TJ operation
•
Center tap module
•
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
•
Low forward voltage drop
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In mm/Inches
PRM4 (Isolated)
MARKING,MOLDING RESIN
Marking for 303DMQ600, 1
st row SS YYWWL, 2nd row303DMQ600
Where YY is the manufacture year
WW is the manufacture week code
L is the wafer’s Lot Number
Molding resin
Epoxy resin UL:94V-0


Similar Part No. - 303DMQ600

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
303DMQ600 SMCDIODE-303DMQ600 Datasheet
350Kb / 5P
ULTRAFAST RECTIFIER
Rev. A
More results

Similar Description - 303DMQ600

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
40CPQ015 SMC-40CPQ015 Datasheet
129Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
63CPQ080 SMC-63CPQ080 Datasheet
141Kb / 5P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBR2035 SMC-MBR2035 Datasheet
170Kb / 6P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBR2535 SMC-MBR2535 Datasheet
204Kb / 6P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBRB10200CT SMC-MBRB10200CT Datasheet
262Kb / 7P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
87CNQ020 SMC-87CNQ020 Datasheet
227Kb / 5P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
183NQ-1 SMC-183NQ-1 Datasheet
184Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
301CNQ SMC-301CNQ Datasheet
206Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
303CNQ SMC-303CNQ Datasheet
211Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
400CMQ SMC-400CMQ Datasheet
210Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com