Electronic Components Datasheet Search
  English  ▼

X  

MBRF10H150CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBRF10H150CT
Description  Dual High-Voltage Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRF10H150CT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBRF10H150CT Datasheet HTML 1Page - Vishay Siliconix MBRF10H150CT Datasheet HTML 2Page - Vishay Siliconix MBRF10H150CT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR10H150CT, MBRF10H150CT & MBRB10H150CT-1
Vishay Semiconductors
formerly General Semiconductor
Maximum Ratings (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR10H150CT
Unit
Maximum repetitive peak reverse voltage
VRRM
150
V
Working peak reverse voltage
VRWM
150
V
Maximum DC blocking voltage
VDC
150
V
Maximum average forward rectified current Total device
10
(see fig. 1)
Per leg
IF(AV)
5
A
Peak forward surge current
8.3ms single half sine-wave superimposed
IFSM
160
A
on rated load (JEDEC Method) per leg
Peak repetitive reverse current per leg at tp = 2
µs, 1KHZ
IRRM
1.0
A
Peak non-repetitive reverse surge energy per leg
ERSM
10
mJ
(8/20
µs waveform)
Non-repetitive avalanche energy per leg
at 25
°C, IAS = 1.5A, L=10mH
EAS
11.25
mJ
Voltage rate of change (rated VR)
dv/dt
10,000
V/
µs
Operating junction and storage temperature range
TJ, TSTG
–65 to +175
°C
RMS Isolation voltage (MBRF type only) from terminals
4500 (1)
to heatsink with t = 1 second, RH
≤ 30%
VISOL
3500 (2)
V
1500 (3)
Electrical Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Maximum instantaneous
at IF = 5.0A, TJ = 25°C
0.88
forward voltage per leg(4)
at IF = 5.0A, TJ = 125°C
VF
0.72
V
at IF = 10A, TJ = 25°C
0.96
at IF = 10A, TJ = 125°C
0.80
Maximum reverse current per leg
TJ = 25°C
5.0
µA
at working peak reverse voltage (Note 4)
TJ = 125°C
IR
1.0
mA
Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
MBR
MBRF
MBRB
Unit
Typical thermal resistance per leg
R
θJC
2.4
4.5
2.4
O
C/W
Notes:
(1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset
(2) Clip mounting (on case), where leads do overlap heatsink
(3) Screw mounting with 4-40 screw, where washer diameter is
≤ 4.9 mm (0.19”)
(4) Pulse test: 300
µs pulse width, 1% duty cycle
www.vishay.com
Document Number 88779
2
18-Jul-03



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com