Electronic Components Datasheet Search
  English  ▼

X  

STF10150C Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # STF10150C
Description  Reverse battery protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

STF10150C Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  STF10150C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF10150C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF10150C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF10150C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF10150C Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Green Products
Data Sheet N1394, Rev. A
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
STF10150C(R)
STF10150C(R) SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
Features:
•
150 °C TJ operation
•
Center tap configuration
•
Ultralow forward voltage drop
•
High purity, high temperature epoxy encapsulation for enhanced
mechanical strength and moisture resistance
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In mm
ITO-220AB
SYMBOL
MIN.
TYP.
MAX.
A
4.30
4.50
4.70
A1
1.10
1.30
1.50
A2
2.80
3.00
3.20
A3
2.50
2.70
2.90
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
b2
1.50
1.60
1.75
b3
1.20
1.30
1.45
b4
1.60
1.70
1.85
c
0.55
0.60
0.75
D
14.80
15.00
15.20
E
9.96
10.16
10.36
e
2.55
e1
5.10
H1
6.50
6.70
6.90
L
12.70
13.20
13.70
L1
1.60
1.80
2.00
L2
0.80
1.00
1.20
L3
0.60
0.80
1.00
ΦP1(上口)
3.30
3.50
3.70
ΦP2(下口)
2.99
3.19
3.39
Q
2.50
2.70
2.90
Θ15°
Θ24°
Θ310°
Θ45°
Θ55°
STF10150C
STF10150CR


Similar Part No. - STF10150C

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
STF10150C SMCDIODE-STF10150C Datasheet
256Kb / 4P
SCHOTTKY RECTIFIER
Rev. A
STF10150CR SMCDIODE-STF10150CR Datasheet
256Kb / 4P
SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - STF10150C

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
6CWQ06FN SMC-6CWQ06FN Datasheet
164Kb / 5P
Reverse battery protection
6CWQ10FN SMC-6CWQ10FN Datasheet
166Kb / 5P
Reverse battery protection
12CTQ035 SMC-12CTQ035 Datasheet
202Kb / 6P
Reverse battery protection
SK54A SMC-SK54A Datasheet
151Kb / 6P
Reverse battery protection
SK56A SMC-SK56A Datasheet
142Kb / 6P
Reverse battery protection
SK110 SMC-SK110 Datasheet
193Kb / 6P
Reverse battery protection
SL54B SMC-SL54B Datasheet
200Kb / 6P
Reverse battery protection
SL520A SMC-SL520A Datasheet
147Kb / 5P
Reverse battery protection
STF20H100C SMC-STF20H100C Datasheet
177Kb / 5P
Reverse battery protection
STF30100S SMC-STF30100S Datasheet
141Kb / 4P
Reverse battery protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com