Electronic Components Datasheet Search
  English  ▼

X  

STF30100S Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # STF30100S
Description  Reverse battery protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

STF30100S Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  STF30100S Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF30100S Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF30100S Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF30100S Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1567, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
STF30100S
STF30100S SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
•
Center tap configuration
Features:
•
150
°C TJ operation
•
Center tap configuration
•
Ultralow forward voltage drop
•
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
Mechanical Dimensions (In mm) and Marking:
Remark: Lead burr spec is 0.1mm Max.
ITO-220AB


Similar Part No. - STF30100S

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
STF30100 SMC-STF30100 Datasheet
113Kb / 6P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STF30100 SMCDIODE-STF30100 Datasheet
361Kb / 7P
SCHOTTKY RECTIFIER
Rev. C
logo
Sangdest Microelectroni...
STF30100C SMC-STF30100C Datasheet
159Kb / 7P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STF30100C SMCDIODE-STF30100C Datasheet
581Kb / 7P
SCHOTTKY RECTIFIER
Rev. C
More results

Similar Description - STF30100S

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
6CWQ06FN SMC-6CWQ06FN Datasheet
164Kb / 5P
Reverse battery protection
6CWQ10FN SMC-6CWQ10FN Datasheet
166Kb / 5P
Reverse battery protection
12CTQ035 SMC-12CTQ035 Datasheet
202Kb / 6P
Reverse battery protection
SK54A SMC-SK54A Datasheet
151Kb / 6P
Reverse battery protection
SK56A SMC-SK56A Datasheet
142Kb / 6P
Reverse battery protection
SK110 SMC-SK110 Datasheet
193Kb / 6P
Reverse battery protection
SL54B SMC-SL54B Datasheet
200Kb / 6P
Reverse battery protection
SL520A SMC-SL520A Datasheet
147Kb / 5P
Reverse battery protection
STF20H100C SMC-STF20H100C Datasheet
177Kb / 5P
Reverse battery protection
STF10150C SMC-STF10150C Datasheet
262Kb / 5P
Reverse battery protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com