Electronic Components Datasheet Search
  English  ▼

X  

BT404 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BT404
Description  DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BT404 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BT404 Datasheet HTML 1Page - List of Unclassifed Manufacturers BT404 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
%
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
EFF
22
BT Series: 3 Watts
Single and Dual Outputs
DC/DC Converters
FEATURES
• Fully Regulated Outputs
• 5, 12, 24 and 48 VDC Inputs
• Industry Standard Pinouts
• PCB Mountable
• Input/Output Isolation
• Low Cost
BT101
5VDC
5VDC
600mA
80mA
960mA
63
BT102
5VDC
12VDC
250mA
80mA
934mA
64
BT103
5VDC
15VDC
200mA
80mA
930mA
65
BT104
5VDC
±12VDC
±120mA
120mA
921mA
63
BT105
5VDC
±15VDC
±100mA
105mA
963mA
63
BT201
12VDC
5VDC
600mA
40mA
380mA
66
BT202
12VDC
12VDC
250mA
40mA
403mA
62
BT203
12VDC
15VDC
200mA
40mA
364mA
69
BT204
12VDC
±12VDC
±120mA
40mA
380mA
63
BT205
12VDC
±15VDC
±100mA
45mA
400mA
63
BT301
24VDC
5VDC
600mA
15mA
193mA
65
BT302
24VDC
12VDC
250mA
15mA
195mA
64
BT303
24VDC
15VDC
200mA
30mA
192mA
65
BT304
24VDC
±12VDC
±120mA
25mA
193mA
62
BT305
24VDC
±15VDC
±100mA
20mA
192mA
65
BT401
48VDC
5VDC
600mA
15mA
105mA
60
BT402
48VDC
12VDC
250mA
15mA
95mA
66
BT403
48VDC
15VDC
200mA
15mA
107mA
58
BT404
48VDC
±12VDC
±120mA
15mA
100mA
60
BT405
48VDC
±15VDC
±100mA
15mA
113mA
56
MODELS CHART
260 Hopping Brook Road
Holliston, Massachusetts 01746
Tel. (508) 429-4440
Fax (800) 226-2100
http://www.intlpower.com
International
Power Sources, Inc.


Similar Part No. - BT404

ManufacturerPart #DatasheetDescription
logo
Dongguan Xinkang Electr...
BT40A01 TNK-BT40A01 Datasheet
65Kb / 1P
10/100 Base-T Duad Port Transformer Module
More results

Similar Description - BT404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com