Electronic Components Datasheet Search
  English  ▼

X  

MIC2288 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2288
Description  1A 1.2 MHZ PWM BOOST CONVERTER IN THIN SOT 23 AND 2 X MLF
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2288 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2288 Datasheet HTML 1Page - Micrel Semiconductor MIC2288 Datasheet HTML 2Page - Micrel Semiconductor MIC2288 Datasheet HTML 3Page - Micrel Semiconductor MIC2288 Datasheet HTML 4Page - Micrel Semiconductor MIC2288 Datasheet HTML 5Page - Micrel Semiconductor MIC2288 Datasheet HTML 6Page - Micrel Semiconductor MIC2288 Datasheet HTML 7Page - Micrel Semiconductor MIC2288 Datasheet HTML 8Page - Micrel Semiconductor MIC2288 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2004
1
M9999-021904
MIC2288
Micrel
MIC2288
1A 1.2MHz PWM Boost Converter in
Thin SOT-23 and 2
×××××2 MLF™
General Description
The MIC2288 is a 1.2MHz PWM, DC/DC boost switching
regulator available in low-profile Thin SOT-23 and
2mm
× 2mm MLF™ package options. High power density is
achieved with the MIC2288’s internal 34V/1A switch, allow-
ing it to power large loads in a tiny footprint.
The MIC2288 implements a constant frequency, 1.2MHz
PWM, current mode control scheme with internal compensa-
tion that offers excellent transient response and output regu-
lation performance. The high frequency operation saves
board space by allowing small, low-profile, external compo-
nents. The fixed frequency PWM topology also reduces
spurious switching noise and ripple to the input power source.
The MIC2288 is available in a low-profile Thin SOT-23-5
package and a 2mm
× 2mm MLF™-8 leadless package. The
2mm
× 2mm MLF™-8 package option has an output over-
voltage protection feature.
The MIC2288 has a junction temperature range of –40
°C to
+125
°C.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
Typical Application
2
L1
10
µH
R2
R1
3
1
4
5
MIC2288BD5
VIN
1-Cell
Li Ion
VOUT
15V
EN
SW
FB
GND
VIN
C1
2.2
µF
C2
10
µF
2mm
××××× 2mm MLF™ Boost Regulator
Features
• 2.5V to 10V input voltage range
• Output voltage adjustable to 34V
• Over 1A switch current
• 1.2MHz PWM operation
• Stable with ceramic capacitors
• High-efficiency
• <1% line and load regulation
• Low input and output ripple
• <1
µA shutdown current
• UVLO
• Output overvoltage protection (MIC2288BML)
• Over temperature shutdown
• Thin SOT-23-5 package option
• 2mm
× 2mm leadless MLF™-8 package option
•–40
°C to +125°C junction temperature range
Applications
• Organic EL power supply
• TFT-LCD bias supply
• 12V supply for DSL applications
• Multi-output DC/DC converters
• Positive and negative output regulators
• SEPIC converters
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
MLF and
MicroLeadFrame are trademarks of Amkor Technology, Inc.
60
65
70
75
80
85
90
0
0.05
0.1
0.15
0.2
LOAD (A)
15V
OUT
Efficiency
V
IN = 4.2V
V
IN = 3.2V
V
IN = 3.6V


Similar Part No. - MIC2288

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2288BD5 MICREL-MIC2288BD5 Datasheet
253Kb / 11P
1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
MIC2288BML MICREL-MIC2288BML Datasheet
253Kb / 11P
1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
MIC2288YD5 MICREL-MIC2288YD5 Datasheet
253Kb / 11P
1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
MIC2288YML MICREL-MIC2288YML Datasheet
253Kb / 11P
1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
MIC2288 MICREL-MIC2288_05 Datasheet
253Kb / 11P
1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
More results

Similar Description - MIC2288

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Micrel Semiconductor
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2288 MICREL-MIC2288_05 Datasheet
253Kb / 11P
1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287CYD5TR MICREL-MIC2287CYD5TR Datasheet
959Kb / 9P
1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
logo
ACE Technology Co., LTD...
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
1A Synchronous PWM Boost converter
VER 1.1
logo
Microchip Technology
MIC2619 MICROCHIP-MIC2619 Datasheet
2Mb / 20P
1.2 MHz PWM Boost Converter with OVP
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com