Electronic Components Datasheet Search
  English  ▼

X  

LM2612ABL Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2612ABL
Description  400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2612ABL Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2612ABL Datasheet HTML 5Page - National Semiconductor (TI) LM2612ABL Datasheet HTML 6Page - National Semiconductor (TI) LM2612ABL Datasheet HTML 7Page - National Semiconductor (TI) LM2612ABL Datasheet HTML 8Page - National Semiconductor (TI) LM2612ABL Datasheet HTML 9Page - National Semiconductor (TI) LM2612ABL Datasheet HTML 10Page - National Semiconductor (TI) LM2612ABL Datasheet HTML 11Page - National Semiconductor (TI) LM2612ABL Datasheet HTML 12Page - National Semiconductor (TI) LM2612ABL Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Typical Operating Characteristics LM2612ABL/ATL, Circuit of Figure 1,V
IN = 3.6V, TA = 25˚C, L1 =
10 µH, unless otherwise noted. (Continued)
Efficiency vs Output Current
(V
OUT = 1.8V, PFM Mode, No Diode)
Switching Frequency vs Temperature
(PWM Mode)
20041836
20041839
Load Transient Response (PWM Mode)
Load Transient Response (PFM Mode)
20041841
A: INDUCTOR CURRENT, 500mA/div
B: SW PIN, 5V/div
C: VOUT, 50mV/div, AC COUPLED
D: LOAD, 20mA to 200mA, 200mA/div
20041846
A: INDUCTOR CURRENT, 500mA/div
B: SW PIN, 5V/div
C: VOUT, 50mV/div, AC COUPLED,
D: LOAD, 10mA to 100mA, 100mA/div
Shutdown Response (PWM Mode)
Shutdown Response (PFM Mode)
20041840
A: INDUCTOR CURRENT, 500mA/div
B: SW PIN, 2V/div
C: VOUT, 1V/div, D: EN, 5V/div
20041845
A: INDUCTOR CURRENT, 500mA/div
B: SW PIN, 2V/div
C: VOUT, 1V/div , D: EN, 5V/div
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com