Electronic Components Datasheet Search
  English  ▼

X  

PEC11R Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # PEC11R
Description  12 mm Incremental Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11R Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  PEC11R Datasheet HTML 1Page - Bourns Electronic Solutions PEC11R Datasheet HTML 2Page - Bourns Electronic Solutions PEC11R Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
PEC11RSeries-12mmIncrementalEncoder
Product Dimensions
REV.11/16
LLBP
A
15
5.0
7.0
6.0
(.591)
(.197)
(.276)(.236)
20
7.0
7.0
6.0
(.787)
(.276)
(.276)(.236)
30
7.0
16.0
12.0
(1.181)
(.276)
(.630)
(.472)
PEC11R-4xxxK-Sxxxx
A
P
L
LB
1.0
(.039)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
SWITCH
TRAVEL
0.5
(.020)
LLBP
A
15
5.0
7.0
6.0
(.591)
(.197)
(.276)(.236)
20
7.0
7.0
6.0
(.787)
(.276)
(.276)(.236)
18 TEETH
LB
P
A
L
18 TEETH
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
1.0
(.039)
M7 X
0.75
(.030)
M7 X
0.75
(.030)
PEC11R-4xxxK-Nxxxx
12.4
(.488)
13.4
(.528)
5.0
(.197)
C
B
A
C
B
A CHANNEL A
COMMON
CHANNEL B
12.4
(.488)
5.0
(.197)
13.4
(.528)
5.0
(.197)
B
C
A
2
1
C
B
A CHANNEL A
COMMON
CHANNEL B
DIMENSIONS:
MM
(INCHES)
TOLERANCES: < 10 = ± 0.3
(.394)
(.012)
≥
10 = ± 0.5
(.394)
(.020)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com