Electronic Components Datasheet Search
  English  ▼

X  

MIC2288BML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2288BML
Description  1A 1.2 MHZ PWM BOOST CONVERTER IN THIN SOT 23 AND 2 X MLF
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2288BML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2288BML Datasheet HTML 2Page - Micrel Semiconductor MIC2288BML Datasheet HTML 3Page - Micrel Semiconductor MIC2288BML Datasheet HTML 4Page - Micrel Semiconductor MIC2288BML Datasheet HTML 5Page - Micrel Semiconductor MIC2288BML Datasheet HTML 6Page - Micrel Semiconductor MIC2288BML Datasheet HTML 7Page - Micrel Semiconductor MIC2288BML Datasheet HTML 8Page - Micrel Semiconductor MIC2288BML Datasheet HTML 9Page - Micrel Semiconductor MIC2288BML Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MIC2288
Micrel
M9999-021904
10
February 2004
L1
10
µH
C2
10
µF
16V
R2
5k
R1
43.2k
MIC2288BML
VIN
VIN
5V
VOUT
12V @ 250mA
EN
SW
FB
GND
GND
OVP
GND
C1
2.2
µF
10V
D1
C1
2.2
µF, 10V, 0805 X5R Ceramic Capacitor
08052D225KAT
AVX
C2
10
µF, 16V, 1206 X5R Ceramic Capacitor
1206YD106MAT
AVX
D1
1A, 40V Schotty Diode
MBRM140T3
ON Semi.
L1
10
µH, 650mA Inductor
LQH43CN100K03
Murata
Figure 9. 5V
IN to 12VOUT @ 250mA
L1
10
µH
C2
4.7
µF
25V
R2
1k
R1
18.2k
MIC2288BML
VIN
VIN
5V
VOUT
24V @ 80mA
EN
SW
FB
GND
GND
OVP
GND
C1
2.2
µF
10V
D1
C1
2.2
µF, 10V, 0805 X5R Ceramic Capacitor
08052D225KAT
AVX
C2
4.7
µF, 25V, 1206 X5R Ceramic Capacitor
12066D475MAT
AVX
D1
1A, 40V Schotty Diode
MBRM140T3
ON Semi.
L1
10
µH, 650mA Inductor
LQH32CN4R7M11
Murata
Figure 10. 5V
IN to 24VOUT @ 80mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com