Electronic Components Datasheet Search
  English  ▼

X  

WS3240 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS3240
Description  High Precision PSR LED Constant Current Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS3240 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS3240 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS3240 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS3240 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS3240 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS3240 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS3240 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS3240 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS3240 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
WS3240 ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
1201
Features
Built-in 650V UHV Power MOS
LED Constant Current: ±5%
Fixed Primary Peak Current: 185mA
Without the Secondary winding
Start up time less than 100ms
High precision constant current regulation due to
patented CC control
Built-in line compensation
Ultra low operation current
Maximum power 4W
LED open/short protection
Floating pin protection
Excellent EMI performance with PFM control
Cycle-by-cycle current limit
Built-in leading Edge Blanking
VDD Under Voltage Lockout(UVLO)
Built-in over temperature protection
Applications
LED lighting
Description
WS3240 is a high precision primary side feedback
constant current LED driver, suitable for flyback isolated
LED in sub 4W power range at universal AC input. It
operates in discontinuous current mode.
WS3240 integrates 650V power MOS. It operates in
primary side sensing and regulation, without a secondary
feedback circuit, also need not the auxiliary transformer
winding detection and power supply, only need few
peripheral components can realize constant current,
greatly saves the cost and size of the system.
The start time of WS3240 is less than 100ms at
universal AC input with the high voltage start technology,
realizing instant bright of the LED lamp.
The
current precision is
less
than
±
5%
with high precision current sampling circuit and line
compensation. With patented constant current controlling
mode, excellent linear regulation is achieved.
WS3240 provides a variety of comprehensive
protection mode, including: cycle by cycle current limit
protection(OCP), LED open/short circuit protection, under
voltage protection and clamping, over temperature
protection, pin floating protection etc..
WS3240 is offered in TO-92 package.
High Precision PSR LED Constant Current Driver


Similar Part No. - WS3240

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WS3240 WINSEMI-WS3240 Datasheet
603Kb / 8P
High Precision PSR LED Constant Current Driver
WS3240NP WINSEMI-WS3240NP Datasheet
603Kb / 8P
High Precision PSR LED Constant Current Driver
More results

Similar Description - WS3240

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US3602 UTC-US3602 Datasheet
178Kb / 7P
HIGH PRECISION PSR CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
WS9221B ETC2-WS9221B Datasheet
388Kb / 8P
High Precision PSR Constant Current LED Driver
WS9224 ETC2-WS9224 Datasheet
552Kb / 7P
High Precision PSR Constant Current LED Driver
WS9226 ETC2-WS9226 Datasheet
553Kb / 8P
High Precision PSR Constant Current LED Driver
WS9256 ETC2-WS9256 Datasheet
680Kb / 8P
High Precision PSR Constant Current LED Driver
logo
Shenzhen Winsemi Microe...
WS9254 WINSEMI-WS9254 Datasheet
598Kb / 8P
High Precision PSR Constant Current LED Driver
WS9224 WINSEMI-WS9224 Datasheet
552Kb / 7P
High Precision PSR Constant Current LED Driver
WS3241 WINSEMI-WS3241 Datasheet
604Kb / 8P
High Precision PSR LED Constant Current Driver
logo
Bright Power Semiconduc...
BP3125 BPS-BP3125 Datasheet
400Kb / 10P
High Precision PSR Constant Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9654 SISEMIC-SIC9654 Datasheet
484Kb / 7P
High Precision PSR Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com