Electronic Components Datasheet Search
  English  ▼

X  

WS3410 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WS3410
Description  Non-isolated Buck APFC Offline LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WS3410 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WS3410 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS3410 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS3410 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS3410 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS3410 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS3410 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS3410 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS3410 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
3/8
WS3410 ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
Ordering Information
Package
Marking
Part Number
6-Pin SOT23-6, Pb-free
WS3410YP
WS3410YP
Recommended Operation Conditions
Part Number
Package
Input voltage
Maximum output
power
WS3410YP
SOT23-6
175VAC-264VAC
120V/450mA
90VAC-264VAC
80V/450mA
Absolute Maximum Ratings
symbol
paramete
Range
unit
VCC
Vcc pin voltage
-0.3~8
V
Vgate
Gate driver pin voltage
-0.3~8
V
VCS
Current sense pin input voltage
-0.3~7
V
VFB
Feedback pin input voltage
-0.3~7
V
VCOMP
Compensation pin voltage
-0.3~7
V
PDMAX
Power dissipation
0.2
W
TJ
Operating junction temperature
165
℃
TSTG
Storage temperature range
-55~165
℃
Note : Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com